Zakładka z wyszukiwarką danych komponentów |
|
MC33982PNA Arkusz danych(PDF) 10 Page - Motorola, Inc |
|
MC33982PNA Arkusz danych(HTML) 10 Page - Motorola, Inc |
10 / 24 page 33982 MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA 10 DYNAMIC ELECTRICAL CHARACTERISTICS Characteristics noted under conditions 4.5 V ≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted. Characteristic Symbol Min Typ Max Unit POWER OUTPUT TIMING Output Rising Slow Slew Rate A (DICR D3 = 0) (Note 18) 9.0 V < VPWR < 16 V SRRA_SLOW 0.2 0.6 1.2 V/ µs Output Rising Slow Slew Rate B (DICR D3 = 0) (Note 19) 9.0 V < VPWR < 16 V SRRB_SLOW 0.03 0.1 0.3 V/ µs Output Rising Fast Slew Rate A (DICR D3 = 1) (Note 18) 9.0 V < VPWR < 16 V SRRA_FAST 0.4 1.0 4.0 V/ µs Output Rising Fast Slew Rate B (DICR D3 = 1) (Note 19) 9.0 V < VPWR < 16 V SRRB_FAST 0.03 0.1 1.2 V/ µs Output Falling Slow Slew Rate A (DICR D3 = 0) (Note 18) 9.0 V < VPWR < 16 V SRFA_SLOW 0.2 0.6 1.2 V/ µs Output Falling Slow Slew Rate B (DICR D3 = 0) (Note 19) 9.0 V < VPWR < 16 V SRFB_SLOW 0.03 0.1 0.3 V/ µs Output Falling Fast Slew Rate A (DICR D3 = 1) (Note 18) 9.0 V < VPWR < 16 V SRFA_FAST 0.8 2.0 4.0 V/ µs Output Falling Fast Slew Rate B (DICR D3 = 1) (Note 19) 9.0 V < VPWR < 16 V SRFB_FAST 0.1 0.35 1.2 V/ µs Notes 18. Rise and Fall Slew Rates A measured across a 5.0 Ω resistive load at high-side output = 0.5 V to VPWR-3.5 V. These parameters are guaranteed by process monitoring. 19. Rise and Fall Slow Slew Rates B measured across a 5.0 Ω resistive load at high-side output = 0.5 V to VPWR-3.5 V. These parameters are guaranteed by process monitoring. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Podobny numer części - MC33982PNA |
|
Podobny opis - MC33982PNA |