Zakładka z wyszukiwarką danych komponentów |
|
MC100EP32DTR2 Arkusz danych(PDF) 7 Page - ON Semiconductor |
|
MC100EP32DTR2 Arkusz danych(HTML) 7 Page - ON Semiconductor |
7 / 10 page MC10EP32, MC100EP32 http://onsemi.com 7 Figure 3. Input Frequency (fin) versus Typical Output Voltage (VOPP) fin, INPUT FREQUENCY (GHz) 0 50 100 150 200 250 300 350 400 450 500 550 600 650 700 750 800 850 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 5.0 V 3.3 V Figure 4. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D − Termination of ECL Logic Devices.) Driver Device Receiver Device QD Q D Zo = 50 W Zo = 50 W 50 W 50 W VTT VTT = VCC − 2.0 V ORDERING INFORMATION Device Package Shipping† MC10EP32D SOIC−8 98 Units / Rail MC10EP32DG SOIC−8 (Pb−Free) 98 Units / Rail MC10EP32DR2 SOIC−8 2500 / Tape & Reel MC10EP32DT TSSOP−8 100 Units / Rail MC10EP32DTR2 TSSOP−8 2500 / Tape & Reel MC100EP32D SOIC−8 98 Units / Rail MC100EP32DR2 SOIC−8 2500 / Tape & Reel MC100EP32DT TSSOP−8 100 Units / Rail MC100EP32DTR2 TSSOP−8 2500 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Podobny numer części - MC100EP32DTR2 |
|
Podobny opis - MC100EP32DTR2 |