Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA3472F-E2 Arkusz danych(PDF) 3 Page - Rohm

Numer części BA3472F-E2
Szczegółowy opis  High Speed with High Voltage Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA3472F-E2 Arkusz danych(HTML) 3 Page - Rohm

  BA3472F-E2 Datasheet HTML 1Page - Rohm BA3472F-E2 Datasheet HTML 2Page - Rohm BA3472F-E2 Datasheet HTML 3Page - Rohm BA3472F-E2 Datasheet HTML 4Page - Rohm BA3472F-E2 Datasheet HTML 5Page - Rohm BA3472F-E2 Datasheet HTML 6Page - Rohm BA3472F-E2 Datasheet HTML 7Page - Rohm BA3472F-E2 Datasheet HTML 8Page - Rohm BA3472F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3/36
11.Jul.2014 Rev.004
TSZ22111・15・001
BA3472xxx
BA3472RFVM
BA3474xxx
BA3474RFV
Ordering Information
B
A
3
4
7
x
x
x
x
x
-
x x
Part Number
BA3472xxx
BA3472Rxxx
BA3474xxx
BA3474Rxx
Package
F
: SOP8
SOP14
FV
: SSOP-B8
SSOP-B14
FJ
: SOP-J8
FVT : TSSOP-B8
FVJ : TSSOP-B14J
FVM : MSOP8
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SOP14/SSOP-B8/SSOP-B14
SOP-J8/TSSOP-B8/TSSOP-B14J)
TR: Embossed tape and reel
(MSOP8)
Line-up
Topr
Supply
Current
(Typ)
Slew Rate
(Typ)
Package
Orderable
Part Number
-40°C to +75°C
8.0mA
10V/µs
SOP14
Reel of 2500
BA3474F-E2
-40°C to +85°C
4.0mA
SOP8
Reel of 2500
BA3472F-E2
SSOP-B8
Reel of 2500
BA3472FV-E2
SOP-J8
Reel of 2500
BA3472FJ-E2
TSSOP-B8
Reel of 2500
BA3472FVT-E2
MSOP8
Reel of 3000
BA3472FVM-TR
8.0mA
SSOP-B14
Reel of 2500
BA3474FV-E2
TSSOP-B14J
Reel of 2500
BA3474FVJ-E2
-40°C to +105°C
4.0mA
MSOP8
Reel of 3000
BA3472RFVM-TR
8.0mA
SSOP-B14
Reel of 2500
BA3474RFV-E2


Podobny numer części - BA3472F-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
More results

Podobny opis - BA3472F-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3472F ROHM-BA3472F_11 Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472 ROHM-BA3472 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com