Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA3472FVM-TR Arkusz danych(PDF) 11 Page - Rohm

Numer części BA3472FVM-TR
Szczegółowy opis  High Speed with High Voltage Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA3472FVM-TR Arkusz danych(HTML) 11 Page - Rohm

Back Button BA3472FVM-TR Datasheet HTML 7Page - Rohm BA3472FVM-TR Datasheet HTML 8Page - Rohm BA3472FVM-TR Datasheet HTML 9Page - Rohm BA3472FVM-TR Datasheet HTML 10Page - Rohm BA3472FVM-TR Datasheet HTML 11Page - Rohm BA3472FVM-TR Datasheet HTML 12Page - Rohm BA3472FVM-TR Datasheet HTML 13Page - Rohm BA3472FVM-TR Datasheet HTML 14Page - Rohm BA3472FVM-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
11/36
11.Jul.2014 Rev.004
TSZ22111・15・001
BA3472xxx
BA3472RFVM
BA3474xxx
BA3474RFV
○BA3472, BA3472R
(*) The above data is measurement value of typical sample, it is not guaranteed.
BA3472:-40℃~+85℃
BA3472R:-40℃~+105℃
Figure 6.
High level Output Voltage
- Ambient Temperature
(RL=10k
Ω)
Figure 7.
Low level Output Voltage
- Supply Voltage
(RL=10k
Ω)
Figure 8.
Low level Output Voltage
- Ambient Temperature
(RL=10k
Ω)
Figure 9.
Output Source Current - (VCC-VOUT)
(VCC/VEE=5V/0V)
0
5
10
15
20
25
30
35
40
45
-50
-25
0
255075
100
125
AMBIENT TEMPERATURE [℃]
36V
3V
30V
5V
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
0
102030
40
SUPPLY VOLTAGE[V]
85℃
25℃
105℃
-40℃
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
-50
-25
0
255075
100
125
AMBIENT TEMPERATURE [℃]
5V
3V
30V
36V
85℃
25℃
105℃
-40℃
0. 1
1. 0
10.0
100. 0
00. 5
1
1. 5
22. 5
3
VCC-VOUT[V]


Podobny numer części - BA3472FVM-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3472FVM-TR ROHM-BA3472FVM-TR Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3472FVM-TR ROHM-BA3472FVM-TR Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
More results

Podobny opis - BA3472FVM-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3472F ROHM-BA3472F_11 Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472 ROHM-BA3472 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com