Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

W-6238TD-GT3 Arkusz danych(PDF) 6 Page - Copal Electronics

Numer części W-6238TD-GT3
Szczegółowy opis  High Efficiency 10 LED Boost Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COPAL [Copal Electronics]
Strona internetowa  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6238TD-GT3 Arkusz danych(HTML) 6 Page - Copal Electronics

Back Button W-6238TD-GT3 Datasheet HTML 2Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 3Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 4Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 5Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 6Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 7Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 8Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 9Page - Copal Electronics W-6238TD-GT3 Datasheet HTML 10Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
W-6238
Doc. No. MD-5019 Rev. D
6
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
60
70
80
90
100
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]
VOUT = 33V
10 LEDs @ 20mA
VOUT = 32.5V
10 LEDs @ 15mA
TYPICAL CHARACTERISTICS
VIN = 3.6V, CIN =4.7µF,COUT = 0.22µF, L = 47µH with 10 LEDs at 20mA, TAMB = 25ºC, unless otherwise specified.
LED Current vs. Input Voltage
0
5
10
15
20
25
30
35
40
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]
R1 = 10
VOUT = 33.8V
R1 = 15
VOUT = 33V
R1 = 20
VOUT = 32.5V
LED Current Regulation (10mA)
Efficiency vs. Load Current (10 LEDs)
Efficiency vs. Input Voltage (10 LEDs)
Power-up with 10 LEDs at 20mA
Switch ON Resistance vs. Input Voltage
60
70
80
90
100
5
10152025
30
LED CURRENT [mA]
VIN = 3.6V
VIN = 5V
-1.0
-0.5
0.0
0.5
1.0
3.03.5
4.04.5
5.05.5
INPUT VOLTAGE [V]
10 LEDs @ 10mA
0.0
0.5
1.0
1.5
2.0
3.03.5
4.04.5
5.05.5
INPUT VOLTAGE [V]


Podobny numer części - W-6238TD-GT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
W-6237 COPAL-W-6237 Datasheet
209Kb / 13P
   High Voltage CMOS Boost
W-6237TD-3 COPAL-W-6237TD-3 Datasheet
209Kb / 13P
   High Voltage CMOS Boost
W-6237TD-G3 COPAL-W-6237TD-G3 Datasheet
209Kb / 13P
   High Voltage CMOS Boost
W-6237TD-GT COPAL-W-6237TD-GT Datasheet
209Kb / 13P
   High Voltage CMOS Boost
W-6237TD-T COPAL-W-6237TD-T Datasheet
209Kb / 13P
   High Voltage CMOS Boost
More results

Podobny opis - W-6238TD-GT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238 Datasheet
279Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238_16 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
logo
Copal Electronics
AN32 COPAL-AN32 Datasheet
124Kb / 7P
   10-LED Boost Converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
219Kb / 15P
   High Efficiency 2.5W Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com