Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

W-6237TD-3 Arkusz danych(PDF) 4 Page - Copal Electronics

Numer części W-6237TD-3
Szczegółowy opis  High Voltage CMOS Boost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COPAL [Copal Electronics]
Strona internetowa  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6237TD-3 Arkusz danych(HTML) 4 Page - Copal Electronics

  W-6237TD-3 Datasheet HTML 1Page - Copal Electronics W-6237TD-3 Datasheet HTML 2Page - Copal Electronics W-6237TD-3 Datasheet HTML 3Page - Copal Electronics W-6237TD-3 Datasheet HTML 4Page - Copal Electronics W-6237TD-3 Datasheet HTML 5Page - Copal Electronics W-6237TD-3 Datasheet HTML 6Page - Copal Electronics W-6237TD-3 Datasheet HTML 7Page - Copal Electronics W-6237TD-3 Datasheet HTML 8Page - Copal Electronics W-6237TD-3 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
W-6237
4
Block Diagram
Enable
Current
Sense
300 mV
R1
15
LED
Current
4.7 F
C1
Thermal
Shutdown
& UVLO
1 MHz
Oscillator
Over Voltage
Protection
PWM &
Logic
Driver
0.22 F
C2
GND
SW
FB
33 H
+
+
A1
A2
VIN
VIN
VREF
SHDN
RC
CC
RS
N1
Figure 2. Block Diagram
Device Operation
The W-6237 is a fixed frequency (1 MHz), low noise,
inductive boost converter that provides a constant current
with excellent line and load regulation. The device uses a
high-voltage CMOS power switch between the SW pin and
ground to energize the inductor. When the switch is turned
off, the stored energy in the inductor is released into the load
via the Schottky diode.
The on/off duty cycle of the power switch is internally
adjusted and controlled to maintain a constant regulated
voltage of 0.3 V across the feedback resistor connected to the
feedback pin (FB). The value of the resistor sets the LED
current accordingly (0.3 V/R1).
During the initial power-up stage, the duty cycle of the
internal power switch is limited to prevent excessive in-rush
currents and thereby provide a “soft-start” mode of
operation.
While in normal operation, the device can deliver up to
40 mA of load current into a string of up to 8 white LEDs.
In the event of an “Open LED” fault condition, where the
feedback control loop becomes open, the output voltage will
continue to increase. Once this voltage exceeds 35 V, an
internal protection circuit will become active and place the
device into a very low power safe operating mode where
only a small amount of power is transferred to the output.
This is achieved by pulsing the switch once every 60 s and
keep it on for about 1 s only.
Thermal overload protection circuitry has been included
to prevent the device from operating at unsafe junction
temperatures above 150 C. In the event of a thermal
overload condition the device will automatically shutdown
and wait till the junction temperatures cools to 130 C before
normal operation is resumed.
Light Load Operation
Under light load condition (under 4 mA) and with input
voltage above 4.2 V, the W-6237 driving 6 LEDs, the
driver starts pulse skipping. Although the LED current
remains well regulated, some lower frequency ripple may
appear.
Figure 3. Switching Waveform VIN = 4.2 V,
ILED = 4 mA


Podobny numer części - W-6237TD-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
W-6238TD-GT3 COPAL-W-6238TD-GT3 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
More results

Podobny opis - W-6237TD-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237 CATALYST-CAT4237_08 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
logo
Major-Power Technology ...
MA2200 MPOWER-MA2200 Datasheet
194Kb / 2P
   High Voltage, Boost Controller
logo
Copal Electronics
W-6137 COPAL-W-6137 Datasheet
182Kb / 16P
   CMOS Boost Converter
logo
Microsemi Corporation
LX1742 MICROSEMI-LX1742 Datasheet
456Kb / 13P
   High Efficiency High Voltage Boost Controller
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com