Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA2115F-E2 Arkusz danych(PDF) 5 Page - Rohm

Numer części BA2115F-E2
Szczegółowy opis  Low Noise Operational Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA2115F-E2 Arkusz danych(HTML) 5 Page - Rohm

  BA2115F-E2 Datasheet HTML 1Page - Rohm BA2115F-E2 Datasheet HTML 2Page - Rohm BA2115F-E2 Datasheet HTML 3Page - Rohm BA2115F-E2 Datasheet HTML 4Page - Rohm BA2115F-E2 Datasheet HTML 5Page - Rohm BA2115F-E2 Datasheet HTML 6Page - Rohm BA2115F-E2 Datasheet HTML 7Page - Rohm BA2115F-E2 Datasheet HTML 8Page - Rohm BA2115F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
5/31
11.Nov.2014 Rev.002
TSZ22111・15・00
BA2107G BA2115xxx
BA2115 (Unless otherwise specified VCC=+2.5V, VEE=-2.5V, TA=25℃)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Input Offset Voltage
(Note 9)
VIO
-
1
6
mV
VOUT=0V, VICM=0V
Input Offset Current
(Note 9)
IIO
-
2
200
nA
VOUT=0V, VICM=0V
Input Bias Current
(Note 10)
IB
-
150
400
nA
VOUT=0V, VICM=0V
Supply Current
ICC
-
3.5
5
mA
Av=0dB, RL=∞, All Op-Amps
+IN=0V
Maximum Output Voltage(High)
VOH
4.5
4.8
-
V
RL≧2.5kΩ, VOHmin=VCC-0.5V
-
11.6
-
RL≧10kΩ, VCC=12V, VEE=0V
VRL=6V, VOH=VCC-0.4V
-
15.5
-
RL≧10kΩ, VCC=16V, VEE=0V
VRL=8V, VOH=VCC-0.5V
Maximum Output Voltage(Low)
VOL
0.5
0.2
-
V
RL≧2.5kΩ, VOLmin=VEE+0.5V
-
0.4
-
RL≧10kΩ, VCC=12V, VEE=0V
VRL=6V, VOL=VEE+0.4V
-
0.5
-
RL≧10kΩ, VCC=16V, VEE=0V
VRL=8V, VOL=VEE+0.5V
Output Source Current
ISOURCE
-
1.4
-
mA
-
Output Sink Current
ISINK
-
90
-
mA
-
Large Signal Voltage Gain
AV
60
80
-
dB
RL≧10kΩ, VOUT=±2V
VICM=0V
Input Common-mode Voltage Range
VICM
±1.5
-
-
V
(VEE+1.0V) - (VCC-1.0V)
Common-mode Rejection Ratio
CMRR
60
74
-
dB
VICM=-1.5V to +1.5V
Power Supply Rejection Ratio
PSRR
60
80
-
dB
VEE=0V, VCC=2V to 14V
Slew Rate
SR
-
4
-
V/μs
Av=0dB, +IN=2VPP
Gain Bandwidth Product
GBW
-
12
-
MHz
f=10kHz
Unity Gain Frequency
fT
-
3.4
-
MHz
0dB cross frequency
Input Referred Noise Voltage
VN
-
7
-
Hz
nV/
RS=600Ω, DIN-AUDIO
-
0.9
-
μVrms
RS=600Ω, DIN-AUDIO
Total Harmonic Distortion
THD+N
-
0.008
-
Av=20dB, f=1kHz, DIN-AUDIO
Channel Separation
CS
-
100
-
dB
Av=40dB
(Note 9) Absolute value
(Note 10) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out from IC.


Podobny numer części - BA2115F-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA2115F-E2 ROHM-BA2115F-E2 Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
BA2115F-E2 ROHM-BA2115F-E2 Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
More results

Podobny opis - BA2115F-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com