Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD1321G Arkusz danych(PDF) 2 Page - Rohm

Numer części BD1321G
Szczegółowy opis  General Purpose Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD1321G Arkusz danych(HTML) 2 Page - Rohm

  BD1321G_16 Datasheet HTML 1Page - Rohm BD1321G_16 Datasheet HTML 2Page - Rohm BD1321G_16 Datasheet HTML 3Page - Rohm BD1321G_16 Datasheet HTML 4Page - Rohm BD1321G_16 Datasheet HTML 5Page - Rohm BD1321G_16 Datasheet HTML 6Page - Rohm BD1321G_16 Datasheet HTML 7Page - Rohm BD1321G_16 Datasheet HTML 8Page - Rohm BD1321G_16 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200460-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
2/19
04.Oct.2016 Rev.002
TSZ22111・15・001
BD1321G
Line-up
Topr
Package
Orderable Part Number
-40°C to +85°C
SSOP5
Reel of 3000
BD1321G-TR
Absolute Maximum Ratings
(TA=25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD-VSS
+7
V
Power Dissipation
PD
0.67
(Note 1,2)
W
Differential Input Voltage
(Note 3)
VID
VDD - VSS
V
Input Common-mode
Voltage Range
VICM
(VSS - 0.3) to VDD + 0.3
V
Input Current
(Note 4)
II
±10
mA
Operating Supply Voltage
Vopr
+2.7 to +5.5
V
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +150
°C
Maximum Junction
Temperature
TJmax
+150
°C
(Note 1) To use at temperature above TA=25C reduce 5.4mW.
(Note 2) Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 3) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VSS.
(Note 4) An excessive input current will flow when input voltages of more than VDD+0.6V or less than VSS-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open
circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case
the IC is operated over the absolute maximum ratings.


Podobny numer części - BD1321G_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1321G-TR ROHM-BD1321G-TR Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results

Podobny opis - BD1321G_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com