Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD12732FV-E2 Arkusz danych(PDF) 6 Page - Rohm

Numer części BD12732FV-E2
Szczegółowy opis  Low Supply Current Input/Output Full Swing Operational Amplifier
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD12732FV-E2 Arkusz danych(HTML) 6 Page - Rohm

Back Button BD12732FV-E2 Datasheet HTML 2Page - Rohm BD12732FV-E2 Datasheet HTML 3Page - Rohm BD12732FV-E2 Datasheet HTML 4Page - Rohm BD12732FV-E2 Datasheet HTML 5Page - Rohm BD12732FV-E2 Datasheet HTML 6Page - Rohm BD12732FV-E2 Datasheet HTML 7Page - Rohm BD12732FV-E2 Datasheet HTML 8Page - Rohm BD12732FV-E2 Datasheet HTML 9Page - Rohm BD12732FV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200600-1-2
©2013 ROHM Co., Ltd. All rights reserved.
6/50
14.July.2016.Rev004
TSZ22111・15・001
BD12730G
BD12732xxx
BD12734xxx
Electrical Characteristics – continued
BD12734xxx (Unless otherwise specified V+=+5V, GND=0V, TA=25°C)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Supply Current
IDD
-
1200
1800
µA
RL=∞, +IN=2.5V
All Op-Amps
Input Offset Voltage(Note 16)
VIO
-
1
5
mV
-
Input Bias Current(Note 16)
IB
-
50
250
nA
-
Input Offset Current(Note 16)
IIO
-
5
100
nA
-
Large Signal Voltage Gain
AV
60
85
-
dB
RL=2kΩ(Note 17)
Common-mode Rejection Ratio
CMRR
55
70
-
dB
-
Power Supply Rejection Ratio
PSRR
70
85
-
dB
-
Maximum Output Voltage (High)
VOH1
4.9
4.95
-
V
RL=20kΩ(Note 17)
VOH2
4.75
4.85
-
V
RL=2kΩ(Note 17)
Maximum Output Voltage (Low)
VOL1
-
0.05
0.1
V
RL=20kΩ(Note 17)
VOL2
-
0.15
0.25
V
RL=2kΩ(Note 17)
Output Source Current
ISOURCE
-
12
-
mA
OUT=0V
Output Sink Current
ISINK
-
5
-
mA
OUT=5V
Input Common-mode Voltage Range
VICM
0
-
5
V
CMRR>55dB
Gain Bandwidth
GBW
-
1
-
MHz
f=10kHz
Unity Gain Frequency
fT
-
1
-
MHz
RL=2kΩ(Note 17)
Phase Margin
θ
-
75
-
deg
RL=2kΩ(Note 17)
Input Referred Noise Voltage
VN
-
10
-
Hz
nV/
f=1kHz
-
1.2
-
μVrms
RS=100Ω, DIN-AUDIO
Slew Rate
SR
-
0.4
-
V/µS
RL=2kΩ(Note 17)
Channel Separation
CS
-
133
-
dB
f=1kHz, RL=2kΩ(Note 17)
OUT=1.2Vrms
(Note 16) Absolute value
(Note 17) Output load resistance connect to a half of V+


Podobny numer części - BD12732FV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
BD12730G-TR ROHM-BD12730G-TR Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
More results

Podobny opis - BD12732FV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G ROHM-LMR821G_15 Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
logo
New Japan Radio
NJM2730 NJRC-NJM2730 Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com