Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LDU4860S350 Arkusz danych(PDF) 4 Page - XP Power Limited

Numer części LDU4860S350
Szczegółowy opis  LED Driver LDU Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  XPPOWER [XP Power Limited]
Strona internetowa  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LDU4860S350 Arkusz danych(HTML) 4 Page - XP Power Limited

  LDU4860S350 Datasheet HTML 1Page - XP Power Limited LDU4860S350 Datasheet HTML 2Page - XP Power Limited LDU4860S350 Datasheet HTML 3Page - XP Power Limited LDU4860S350 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
21-Aug-14
+
-
+
-
+Vout
- Vout
C2
C3
C1
L1
LDU
Input Filter to meet Class B Conducted Emissions
+Vout
- Vout
Control LDU
-Vin
LDU
+Vout
- Vout
-Vin
GND
PWM
0V
1.25V
Control
LDU08 48
By connecting a variable resistor between control
and GND, simple dimming can be achieved.
Capacitor is optional for HF noise rejection.
Recommended value is 0.22 µF.
The output current can be determined using the equation:
Where the value of R is between 0 and 2 M
Ω,the
maximum adjustment range of output current is 25% to 90%
(For Vin-Vout, LDU08 & 24: <20 VDC, LDU48: <30 VDC )
Output Current Adjustment by Variable Resistor
Output Current Adjustment by DC Voltage
Output Current Adjustment by PWM
Directly driving control input
A Pulse Width Modulated (PWM) signal with duty cycle
DPWM can be applied to the control pin, as shown:
Application Notes
LDU
Control
+Vout
-Vout
+
-Vin
The output current is given by:
Control Voltage Range: 0.3 V to 1.25 VDC
Iout = Iout nom x Control
Iout = Iout nom x Dpwm (Dpwm = PWM duty cycle)
LDU08
LDU24
LDU48
C1
10 µF
10 µF
4.7 µF
C2
Not Fitted
Not Fitted
4.7 µF
C3
47 µF
47 µF
Not Fitted
L1
68 µH
68 µH
47 µH
Iout =
Iout nom x R
(R + 200 k)
Iout =
For LDU48
For LDU08-24
Iout nom x R
(R + 50 k)
1.25


Podobny numer części - LDU4860S350

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
More results

Podobny opis - LDU4860S350

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
LDU2030S500 XPPOWER-LDU2030S500 Datasheet
114Kb / 2P
   LED Driver LDU20 Series
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610 Datasheet
4Mb / 31P
   High Voltage Series LED Driver
logo
Lite-On Technology Corp...
PE-1360-99DK LITEON-PE-1360-99DK Datasheet
475Kb / 6P
   LED Driver DALI Performance Series
RE-1400-99CK LITEON-RE-1400-99CK Datasheet
470Kb / 6P
   LED Driver DALI Performance Series
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com