Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS14 Arkusz danych(PDF) 1 Page - Frontier Electronics.

Numer części SS14
Szczegółowy opis  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FRONTIER [Frontier Electronics.]
Strona internetowa  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SS14 Arkusz danych(HTML) 1 Page - Frontier Electronics.

  SS14 Datasheet HTML 1Page - Frontier Electronics. SS14 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS12 THRU SS110 SPECIFICATIONS
Rev. A
Frontier Electronics Corp.®
http://frontierusa.com/
1
667 E. Cochran St., Simi Valley, CA 93065
Phone: 1-805-522-9998, Fax: 1-805-522-9989
1.
2. EXTREMELY LOW VF
3. LOW POWER LOSS/HIGH EFFICIENCY
4. LOW STORED CHARGE
5. MAJORITY CARRIER CONDUCTION
6. CASE:DO-214AC SMA
7. DIMENSIONS IN INCHES AND (MILLIMETERS)
8. POLARITY: INDICATED BY CATHODE BAND
9. WEIGHT 0.064 GRAMS
10. LEADS: SOLDERABILITY PER MIL-STD 750 METHOD 2026
11. RoHS
SS110
100
70
100
0.85
SS18
80
56
80
0.85
SS19
90
63
90
0.85
SS16
60
42
60
0.70
SS17
70
49
70
0.85
SS14
40
28
40
0.50
SS15
50
35
50
0.70
SS12
20
14
20
0.50
SS13
30
21
30
0.50
1. MEASURED AT 1.0 MHz AND APPLIED REVERSE VOLTAGE OF 4.0V D.C.
2. MAXIMUM FORWARD VOLTAGE AT Io
PART NUMBER
MAX. RECURRENT PEAK
REVERSE VOLTAGE
VRRM (V)
MAX. RMS VOLTAGE VRMS (V)
MAX. DC BLOCKING
VOLTAGE VDC (V)
MAX. FORWARD
VOLTAGE VF (V)
TYPICAL JUNCTION CAPACITANCE(NOTE1)
CJ
70
pF
MAXIMUM REVERSE CURRENT AT 25°C
IR
500
uA
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENTAT TL=90°C
IO
1.0
A
PEAK FWD SURGE CURRENT, 8.3ms SINGLE HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
30
A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25°C AMBIENT TEMPERATURE UNLESS OTHERWISE
SPECIFIED STORAGE AND OPERATING TEMPERATURE RANGE -55°C TO +125°C. SINGLE PHASE, HALF WAVE, 60 HZ,
RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%.
RATINGS
SYMBOL
VALUE
UNITS
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PRODUCT FEATURES
FLAMMABILITY CLASSIFICATION: 94V-0


Podobny numer części - SS14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SS14 MCC-SS14 Datasheet
187Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
logo
Pan Jit International I...
SS14 PANJIT-SS14 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS14 DGNJDZ-SS14 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS14 TSC-SS14 Datasheet
137Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
SS14 YIXIN-SS14 Datasheet
112Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SS14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B140WS CITC-B140WS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com