Zakładka z wyszukiwarką danych komponentów |
|
ADR550BKS-REEL7 Arkusz danych(PDF) 4 Page - Analog Devices |
|
ADR550BKS-REEL7 Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 16 page ADR520/ADR525/ADR530/ADR540/ADR550 Rev. A | Page 4 of 16 Table 4. ADR530 Electrical Characteristics @ IIN = 50 µA to 10 mA, TA = 25°C, unless otherwise noted Parameter Symbol Conditions Min Typ Max Unit Output Voltage Grade A Grade B VO 2.988 2.994 3.000 3.000 3.012 3.006 V V Initial Accuracy VOERR Grade A ±0.4% –12 +12 mV Grade B ±0.2% –6 +6 mV Temperature Coefficient1 TCVO –40°C < TA < +85°C Grade A 25 70 ppm/°C Grade B 15 40 ppm/°C Output Voltage Change vs. IIN ∆VR IIN = 0.1 mA to 10 mA –40°C < TA < +85°C IIN = 1 mA to 10 mA –40°C < TA < +85°C 1 4 2 mV mV mV Dynamic Output Impedance (∆VR/∆IR) IIN = 0.1 mA to 10 mA 0.2 Ω Minimum Operating Current IIN –40°C < TA < +85°C 50 µA Voltage Noise eN p-p 0.1 Hz to 10 Hz 16 µV p-p Turn-On Settling Time tR 2 µs Output Voltage Hysteresis ∆VO_HYS IIN = 1 mA 40 ppm 1Guaranteed by design Table 5. ADR540 Electrical Characteristics @ IIN = 50 µA to 10 mA, TA = 25°C, unless otherwise noted Parameter Symbol Conditions Min Typ Max Unit Output Voltage Grade A Grade B VO 4.08 4.088 4.096 4.096 4.112 4.104 V V Initial Accuracy VOERR Grade A ±0.4% –16 +16 mV Grade B ±0.2% –8 +8 mV Temperature Coefficient1 TCVO –40°C < TA < +85°C Grade A 25 70 ppm/°C Grade B 15 40 ppm/°C Output Voltage Change vs. IIN ∆VR IIN = 0.1 mA to 10 mA –40°C < TA < +85°C IIN = 1 mA to 10 mA –40°C < TA < +85°C 1 5 2 mV mV mV Dynamic Output Impedance (∆VR/∆IR) IIN = 0.1 mA to 10 mA 0.2 Ω Minimum Operating Current IIN –40°C < TA < +85°C 50 µA Voltage Noise eN p-p 0.1 Hz to 10 Hz 18 µV p-p Turn-On Settling Time tR 2 µs Output Voltage Hysteresis ∆VO_HYS IIN = 1 mA 40 ppm 1Guaranteed by design |
Podobny numer części - ADR550BKS-REEL7 |
|
Podobny opis - ADR550BKS-REEL7 |