Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10E137 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10E137
Szczegółowy opis  5V ECL 8?륛it Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E137 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10E137 Datasheet HTML 1Page - ON Semiconductor MC10E137 Datasheet HTML 2Page - ON Semiconductor MC10E137 Datasheet HTML 3Page - ON Semiconductor MC10E137 Datasheet HTML 4Page - ON Semiconductor MC10E137 Datasheet HTML 5Page - ON Semiconductor MC10E137 Datasheet HTML 6Page - ON Semiconductor MC10E137 Datasheet HTML 7Page - ON Semiconductor MC10E137 Datasheet HTML 8Page - ON Semiconductor MC10E137 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC10E137, MC100E137
www.onsemi.com
2
VCCO
1
Q0
Q7
Q6
Q6
Q5
Q5
Q4
Q4
VCC
Q3
Q3
Q2
Q2
VCCO
Q1
Q1
Q0
VCCO
MR
VBB
CLK
CLK
VEE
EN2
EN1
A_Start
4
3
2
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
7
8
6
5
Pinout: 28-Lead PLCC
(Top View)
* All VCC and VCCO pins are tied together on the die.
CLK
CLK
Figure 1. 28-Lead Pinout
Q
Q
CLK
CLK
D
R
Q
Q
CLK
CLK
D
R
EN1
EN2
CLK
CLK
A_Start
Q
Q
D
R
Q0 Q0
Q1 Q1
Q
Q
CLK
CLK
D
R
Q7 Q7
MR
VBB
Figure 2. Logic Diagram
CLK, CLK
Q0-Q7, Q0-Q7
A_Start
EN1, EN2
MR
VBB
VCC, VCCO
VEE
ECL Differential Clock Inputs
ECL Differential Q Outputs
ECL Asynchronous Enable Input
ECL Synchronous Enable Inputs
Asynchronous Master Reset
Reference Voltage Output
Positive Supply
Negative Supply
PIN
FUNCTION
Table 1. PIN DESCRIPTION
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
Q7


Podobny numer części - MC10E137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E137 ONSEMI-MC10E137 Datasheet
117Kb / 5P
   8-BIT RIPPLE COUNTER
1996 REV 2
MC10E137 ONSEMI-MC10E137 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137FN ONSEMI-MC10E137FN Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137FN ONSEMI-MC10E137FN Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137FNG ONSEMI-MC10E137FNG Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
More results

Podobny opis - MC10E137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
MC10E137 ONSEMI-MC10E137_06 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137 ONSEMI-MC10E137_08 Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10E167 ONSEMI-MC10E167_16 Datasheet
156Kb / 8P
   5V ECL 6?륛it 2:1 MUX?륱egiste
July, 2016 ??Rev. 9
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
logo
Micrel Semiconductor
SY10E137 MICREL-SY10E137 Datasheet
76Kb / 4P
   8-BIT RIPPLE COUNTER
logo
ON Semiconductor
MC10E137 ONSEMI-MC10E137 Datasheet
117Kb / 5P
   8-BIT RIPPLE COUNTER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com