Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10E151FNR2G Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC10E151FNR2G
Szczegółowy opis  5V ECL 6?륛it D Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E151FNR2G Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC10E151FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E151FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E151FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E151FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E151FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E151FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E151FNR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC10E151, MC100E151
www.onsemi.com
4
Table 5. 10E SERIES NECL DC CHARACTERISTICS (VCCx = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
mA
VOH
Output HIGH Voltage (Note 2)
−1020
−930
−840
−980
−895
−810
−910
−815
−720
mV
VOL
Output LOW Voltage (Note 2)
−1950
−1790
−1630
−1950
−1790
−1630
−1950
−1773
−1595
mV
VIH
Input HIGH Voltage
−1170
−1005
−840
−1130
−970
−810
−1060
−890
−720
mV
VIL
Input LOW Voltage
−1950
−1715
−1480
−1950
−1715
−1480
−1950
−1698
−1445
mV
IIH
Input HIGH Current
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.065
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
Table 6. 100E SERIES PECL DC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V (Note 1))
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
65
78
65
78
75
90
mA
VOH
Output HIGH Voltage (Note 2)
3975
4050
4120
3975
4050
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 2)
3190
3295
3380
3190
3255
3380
3190
3260
3380
mV
VIH
Input HIGH Voltage
3835
3975
4120
3835
3975
4120
3835
3975
4120
mV
VIL
Input LOW Voltage
3190
3355
3525
3190
3355
3525
3190
3355
3525
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2 volts.
Table 7. 100E SERIES NECL DC CHARACTERISTICS (VCCx = 0.0 V; VEE = −5.0 V (Note 1))
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
65
78
65
78
75
90
mA
VOH
Output HIGH Voltage (Note 2)
−1025
−950
−880
−1025
−950
−880
−1025
−950
−880
mV
VOL
Output LOW Voltage (Note 2)
−1810 −1705 −1620 −1810 −1745 −1620 −1810 −1740 −1620
mV
VIH
Input HIGH Voltage
−1165 −1025
−880
−1165 −1025
−880
−1165 −1025
−880
mV
VIL
Input LOW Voltage
−1810 −1645 −1475 −1810 −1645 −1475 −1810 −1645 −1475
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.


Podobny numer części - MC10E151FNR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E151FNR2G ONSEMI-MC10E151FNR2G Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com