Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10E167 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC10E167
Szczegółowy opis  5V ECL 6?륛it 2:1 MUX?륱egiste
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E167 Arkusz danych(HTML) 7 Page - ON Semiconductor

  MC10E167_16 Datasheet HTML 1Page - ON Semiconductor MC10E167_16 Datasheet HTML 2Page - ON Semiconductor MC10E167_16 Datasheet HTML 3Page - ON Semiconductor MC10E167_16 Datasheet HTML 4Page - ON Semiconductor MC10E167_16 Datasheet HTML 5Page - ON Semiconductor MC10E167_16 Datasheet HTML 6Page - ON Semiconductor MC10E167_16 Datasheet HTML 7Page - ON Semiconductor MC10E167_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC10E167
www.onsemi.com
7
PACKAGE DIMENSIONS
28 LEAD PLLC
FN SUFFIX
CASE 776−02
ISSUE F
−N−
−M−
−L−
V
W
D
D
Y BRK
28
1
VIEW S
S
L-M
S
0.010 (0.250)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
0.004 (0.100)
G1
G
J
C
Z
R
E
A
SEATING
PLANE
S
L-M
M
0.007 (0.180)
N S
T
−T−
B
S
L-M
S
0.010 (0.250)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
U
S
L-M
M
0.007 (0.180)
N S
T
Z
G1
X
VIEW D−D
S
L-M
M
0.007 (0.180)
N S
T
K1
VIEW S
H
K
F
S
L-M
M
0.007 (0.180)
N S
T
NOTES:
1. DATUMS -L-, -M-, AND -N- DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2. DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM -T-, SEATING PLANE.
3. DIMENSIONS R AND U DO NOT INCLUDE
MOLD FLASH. ALLOWABLE MOLD FLASH IS
0.010 (0.250) PER SIDE.
4. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.485
0.495
12.32
12.57
B
0.485
0.495
12.32
12.57
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.021
0.33
0.53
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
---
0.51
---
K
0.025
---
0.64
---
R
0.450
0.456
11.43
11.58
U
0.450
0.456
11.43
11.58
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
---
0.020
---
0.50
Z
2
10
2
10
G1
0.410
0.430
10.42
10.92
K1
0.040
---
1.02
---
__
__


Podobny numer części - MC10E167_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E167FN ONSEMI-MC10E167FN Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E167FNG ONSEMI-MC10E167FNG Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E167FNR2 ONSEMI-MC10E167FNR2 Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E167FNR2G ONSEMI-MC10E167FNR2G Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E167 ONSEMI-MC10E167_06 Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
More results

Podobny opis - MC10E167_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E155 ONSEMI-MC10E155_06 Datasheet
126Kb / 8P
   5V ECL 6?묪it 2:1 Mux?묹atch
November, 2006 ??Rev. 8
MC10E167 ONSEMI-MC10E167_06 Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E154 ONSEMI-MC10E154_06 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E137 ONSEMI-MC10E137_16 Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
MC10E158 ONSEMI-MC10E158_16 Datasheet
154Kb / 8P
   5V ECL 5?륛it 2:1 Multiplexer
July, 2016 ??Rev. 10
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10E156 ONSEMI-MC10E156_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E151 ONSEMI-MC10E151_16 Datasheet
155Kb / 7P
   5V ECL 6?륛it D Register
July, 2016 ??Rev. 10
logo
Micrel Semiconductor
SY100EP15V MICREL-SY100EP15V Datasheet
104Kb / 8P
   3.3V / 5V 2.5GHz PECL/ECL 1:4 FANOUT BUFFER WITH 2:1 INPUT MUX
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com