Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10E431 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC10E431
Szczegółowy opis  5V ECL 3?륛it Differential Flip?륡lop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E431 Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC10E431_16 Datasheet HTML 1Page - ON Semiconductor MC10E431_16 Datasheet HTML 2Page - ON Semiconductor MC10E431_16 Datasheet HTML 3Page - ON Semiconductor MC10E431_16 Datasheet HTML 4Page - ON Semiconductor MC10E431_16 Datasheet HTML 5Page - ON Semiconductor MC10E431_16 Datasheet HTML 6Page - ON Semiconductor MC10E431_16 Datasheet HTML 7Page - ON Semiconductor MC10E431_16 Datasheet HTML 8Page - ON Semiconductor MC10E431_16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC10E431, MC100E431
www.onsemi.com
5
Table 6. 100E SERIES PECL DC CHARACTERISTICS (VCCx= 5.0 V; VEE= 0.0 V (Note 1))
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
110
132
110
132
127
152
mA
VOH
Output HIGH Voltage (Note 2)
3975
4050
4120
3975
4050
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 2)
3190
3295
3380
3190
3255
3380
3190
3260
3380
mV
VIH
Input HIGH Voltage (Single-Ended)
3835
3975
4120
3835
3975
4120
3835
3975
4120
mV
VIL
Input LOW Voltage (Single-Ended)
3190
3355
3525
3190
3355
3525
3190
3355
3525
mV
VBB
Output Voltage Reference
3.62
3.74
3.62
3.74
3.62
3.74
V
VIHCMR Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 3)
2.7
5.0
2.7
5.0
2.7
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
Table 7. 100E SERIES NECL DC CHARACTERISTICS (VCCx= 0.0 V; VEE= −5.0 V (Note 1))
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
110
132
110
132
127
152
mA
VOH
Output HIGH Voltage (Note 2)
−1025
−950
−880
−1025
−950
−880
−1025
−950
−880
mV
VOL
Output LOW Voltage (Note 2)
−1810 −1705 −1620 −1810 −1745 −1620 −1810 −1740 −1620
mV
VIH
Input HIGH Voltage (Single-Ended)
−1165 −1025
−880
−1165 −1025
−880
−1165 −1025
−880
mV
VIL
Input LOW Voltage (Single-Ended)
−1810 −1645 −1475 −1810 −1645 −1475 −1810 −1645 −1475
mV
VBB
Output Voltage Reference
−1.38
−1.26
−1.38
−1.26
−1.38
−1.26
V
VIHCMR Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 3)
−2.3
0.0
−2.3
0.0
−2.3
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.


Podobny numer części - MC10E431_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E431FN ONSEMI-MC10E431FN Datasheet
109Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
1996 REV 3
MC10E431FN ONSEMI-MC10E431FN Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC10E431FNG ONSEMI-MC10E431FNG Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC10E431FNR2 ONSEMI-MC10E431FNR2 Datasheet
109Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
1996 REV 3
MC10E431FNR2 ONSEMI-MC10E431FNR2 Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
More results

Podobny opis - MC10E431_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131_16 Datasheet
161Kb / 8P
   5V ECL 4?륛it D Flip?륡lop
July, 2016 ??Rev. 12
MC10EP35 ONSEMI-MC10EP35_16 Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
MC10E431 ONSEMI-MC10E431_06 Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC10EL51 ONSEMI-MC10EL51_16 Datasheet
168Kb / 7P
   5V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 8
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
MC100LVEL51 ONSEMI-MC100LVEL51_16 Datasheet
172Kb / 9P
   3.3V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC100LVEL29 ONSEMI-MC100LVEL29_16 Datasheet
154Kb / 6P
   ECL Dual Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10EL52 ONSEMI-MC10EL52_16 Datasheet
170Kb / 8P
   5 V ECL Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10E137 ONSEMI-MC10E137_16 Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com