Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10E404FNR2G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10E404FNR2G
Szczegółowy opis  5V ECL Quad Differential AND/NAND
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E404FNR2G Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10E404FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E404FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E404FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E404FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E404FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E404FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E404FNR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 9
1
Publication Order Number:
MC10E404/D
MC10E404, MC100E404
5 V ECL Quad Differential
AND/NAND
Description
The MC10E404/100E404 is a 4-bit differential AND/NAND
device. The differential operation of the device makes it ideal for pulse
shaping applications where duty cycle skew is critical. Special design
techniques were incorporated to minimize the skew between the upper
and lower level gate inputs.
Because a negative 2-input NAND function is equivalent to a
2-input OR function, the differential inputs and outputs of the device
also allow for its use as a fully differential 2 input OR/NOR function.
The output RISE/FALL times of this device are significantly faster
than most other standard ECLinPS
™ devices resulting in an increased
bandwidth.
The differential inputs have clamp structures which will force the Q
output of a gate in an open input condition to go to a LOW state. Thus,
inputs of unused gates can be left open and will not affect the operation
of the rest of the device. Note that the input clamp will take affect only
if both inputs fall 2.5 V below VCC.
The 100 Series contains temperature compensation.
Features
Differential D and Q
700 ps Max. Propagation Delay
High Frequency Outputs
PECL Mode Operating Range:
VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors
ESD Protection:
Human Body Model; > 2 kV
Machine Model; > 200 V
Charged Device Model; > 2 kV
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level: 3 (Pb-Free)
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 274 devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−28
FN SUFFIX
CASE 776−02
MCxxxE404FNG
AWLYYWW
1
www.onsemi.com
28
ORDERING INFORMATION
Device
Package
Shipping
MC10E404FNG
PLCC−28
(Pb-Free)
37 Units/Tube
MC10E404FNR2G
PLCC−28
(Pb-Free)
500/Tape & Reel
PLCC−28
(Pb-Free)
MC100E404FNG
37 Units/Tube
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
*For additional marking information, refer to
Application Note AND8002/D.


Podobny numer części - MC10E404FNR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E404FNR2G ONSEMI-MC10E404FNR2G Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
More results

Podobny opis - MC10E404FNR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
MC100EP105 ONSEMI-MC100EP105 Datasheet
81Kb / 8P
   3.3V / 5V ECL Quad 2-Input Differential AND/NAND
September, 2002 ??Rev. 8
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC10E404 ONSEMI-MC10E404_06 Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP05 ONSEMI-MC10EP05_06 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC10EL04 ONSEMI-MC10EL04_16 Datasheet
158Kb / 7P
   5V ECL 2?륤nput AND/NAND
July, 2016 ??Rev. 7
MC10EL04 ONSEMI-MC10EL04_06 Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10E404 MICREL-SY10E404 Datasheet
60Kb / 4P
   QUAD DIFFERENTIAL AND/NAND
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com