Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10E451 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC10E451
Szczegółowy opis  5 V ECL 6-Bit D Register Differential Data and Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E451 Arkusz danych(HTML) 6 Page - ON Semiconductor

  MC10E451 Datasheet HTML 1Page - ON Semiconductor MC10E451 Datasheet HTML 2Page - ON Semiconductor MC10E451 Datasheet HTML 3Page - ON Semiconductor MC10E451 Datasheet HTML 4Page - ON Semiconductor MC10E451 Datasheet HTML 5Page - ON Semiconductor MC10E451 Datasheet HTML 6Page - ON Semiconductor MC10E451 Datasheet HTML 7Page - ON Semiconductor MC10E451 Datasheet HTML 8Page - ON Semiconductor MC10E451 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC10E451, MC100E451
www.onsemi.com
6
Table 7. AC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 1))
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle Frequency
1.1
1.1
1.1
GHz
tPLH
tPHL
Propagation Delay to Output
CLK (Differential), CLK (Single-Ended), MR
625
1050
625
1050
625
1050
ps
ts
Setup Time
D
150
−100
150
−100
150
−100
ps
th
Hold Time
D
250
100
250
100
250
100
ps
tRR
Reset Recovery Time
750
600
750
600
750
600
ps
tPW
Minimum Pulse Width
CLK, MR
400
400
400
ps
tSKEW
Within-Device Skew (Note 2)
100
100
100
ps
tJITTER
Random Clock Jitter (RMS)
<1.0
<1.0
<1.0
ps
VPP
Input Voltage Swing (Differential Configuration)
150
1000
150
1000
150
1000
mV
tr
tf
Rise/Fall Times (20−80%)
275
450
800
275
450
800
275
450
800
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
1. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
2. Within−device skew is defined as identical transitions on similar paths through a device.


Podobny numer części - MC10E451

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10E451 ONSEMI-MC10E451 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10E451FN ONSEMI-MC10E451FN Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10E451FN ONSEMI-MC10E451FN Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10E451FNG ONSEMI-MC10E451FNG Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
More results

Podobny opis - MC10E451

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10E451 ONSEMI-MC10E451_06 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52_16 Datasheet
170Kb / 8P
   5 V ECL Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E151 ONSEMI-MC10E151_16 Datasheet
155Kb / 7P
   5V ECL 6?륛it D Register
July, 2016 ??Rev. 10
MC10E452 ONSEMI-MC10E452_16 Datasheet
166Kb / 8P
   5V ECL 5?륛it Differential Register
July, 2016 ??Rev. 12
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com