Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10E451 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10E451
Szczegółowy opis  5 V ECL 6-Bit D Register Differential Data and Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E451 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10E451 Datasheet HTML 1Page - ON Semiconductor MC10E451 Datasheet HTML 2Page - ON Semiconductor MC10E451 Datasheet HTML 3Page - ON Semiconductor MC10E451 Datasheet HTML 4Page - ON Semiconductor MC10E451 Datasheet HTML 5Page - ON Semiconductor MC10E451 Datasheet HTML 6Page - ON Semiconductor MC10E451 Datasheet HTML 7Page - ON Semiconductor MC10E451 Datasheet HTML 8Page - ON Semiconductor MC10E451 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 10
1
Publication Order Number:
MC10E451/D
MC10E451, MC100E451
5 V ECL 6-Bit D Register
Differential Data and Clock
Description
The MC10E/100E451 contains six D-type flip-flops with
single-ended outputs and differential data inputs. The common clock
input is also differential. The registers are triggered by a positive
transition of the positive clock (CLK) input.
A HIGH on the Master Reset (MR) input resets all Q outputs to
LOW.
The differential input structures are clamped so that the inputs of
unused registers can be left open without upsetting the bias network of
the device. The clamping action will assert the D and the CLK sides of
the inputs. Because of the edge triggered flip-flop nature of the device
simultaneously opening both the clock and data inputs will result in an
output which reaches an unidentified but valid state. Note that the
input clamps only operate when both inputs fall to 2.5 V below VCC.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The 100 Series contains temperature compensation.
Features
Differential Inputs: Data and Clock
VBB Output
1100 MHz Min. Toggle Frequency
Asynchronous Master Reset
PECL Mode Operating Range:
VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors
ESD Protection:
> 2 kV Human Body Model
> 200 V Machine Model
Transistor Count = 348 Devices
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Moisture Sensitivity: Level 3 (Pb-Free)
(For Additional Information, see Application Note AND8003/D)
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−28
FN SUFFIX
CASE 776−02
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
MCxxxE451FNG
AWLYYWW
128
MC10E451FNG
PLCC−28
(Pb-Free)
37 Units / Tube
MC10E451FNR2G
500 Tape & Reel
PLCC−28
(Pb-Free)
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ORDERING INFORMATION
Device
Package
Shipping†
MC100E451FNG
PLCC−28
(Pb-Free)
37 Units / Tube


Podobny numer części - MC10E451

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10E451 ONSEMI-MC10E451 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10E451FN ONSEMI-MC10E451FN Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10E451FN ONSEMI-MC10E451FN Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10E451FNG ONSEMI-MC10E451FNG Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
More results

Podobny opis - MC10E451

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10E451 ONSEMI-MC10E451_06 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52_16 Datasheet
170Kb / 8P
   5 V ECL Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E151 ONSEMI-MC10E151_16 Datasheet
155Kb / 7P
   5V ECL 6?륛it D Register
July, 2016 ??Rev. 10
MC10E452 ONSEMI-MC10E452_16 Datasheet
166Kb / 8P
   5V ECL 5?륛it Differential Register
July, 2016 ??Rev. 12
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com