Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1117S-2.85 Arkusz danych(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM1117S-2.85
Szczegółowy opis  800mA Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1117S-2.85 Arkusz danych(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1117S-2.85 Datasheet HTML 6Page - National Semiconductor (TI) LM1117S-2.85 Datasheet HTML 7Page - National Semiconductor (TI) LM1117S-2.85 Datasheet HTML 8Page - National Semiconductor (TI) LM1117S-2.85 Datasheet HTML 9Page - National Semiconductor (TI) LM1117S-2.85 Datasheet HTML 10Page - National Semiconductor (TI) LM1117S-2.85 Datasheet HTML 11Page - National Semiconductor (TI) LM1117S-2.85 Datasheet HTML 12Page - National Semiconductor (TI) LM1117S-2.85 Datasheet HTML 13Page - National Semiconductor (TI) LM1117S-2.85 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Application Note (Continued)
When the adjustable regulator is used (Figure 3), the best
performance is obtained with the positive side of the resistor
R1 tied directly to the output terminal of the regulator rather
than near the load. This eliminates line drops from appearing
effectively in series with the reference and degrading regu-
lation. For example, a 5V regulator with 0.05
Ω resistance
between the regulator and load will have a load regulation
due to line resistance of 0.05
Ω xI
L. If R1 (=125
Ω) is con-
nected near the load, the effective line resistance will be
0.05
Ω (1+R2/R1) or in this case, it is 4 times worse. In
addition, the ground side of the resistor R2 can be returned
near the ground of the load to provide remote ground sens-
ing and improve load regulation.
4.0 Protection Diodes
Under normal operation, the LM1117 regulators do not need
any protection diode. With the adjustable device, the internal
resistance between the adjust and output terminals limits the
current. No diode is needed to divert the current around the
regulator even with capacitor on the adjust terminal. The
adjust pin can take a transient signal of ±25V with respect to
the output voltage without damaging the device.
When a output capacitor is connected to a regulator and the
input is shorted to ground, the output capacitor will discharge
into the output of the regulator. The discharge current de-
pends on the value of the capacitor, the output voltage of the
regulator, and rate of decrease of V
IN. In the LM1117 regu-
lators, the internal diode between the output and input pins
can withstand microsecond surge currents of 10A to 20A.
With an extremely large output capacitor (
≥1000 µF), and
with input instantaneously shorted to ground, the regulator
could be damaged.
In this case, an external diode is recommended between the
output and input pins to protect the regulator, as shown in
Figure 4.
5.0 Heatsink Requirements
When an integrated circuit operates with an appreciable
current, its junction temperature is elevated. It is important to
quantify its thermal limits in order to achieve acceptable
performance and reliability. This limit is determined by sum-
ming the individual parts consisting of a series of tempera-
ture rises from the semiconductor junction to the operating
environment. A one-dimensional steady-state model of con-
duction heat transfer is demonstrated in Figure 5. The heat
generated at the device junction flows through the die to the
die attach pad, through the lead frame to the surrounding
case material, to the printed circuit board, and eventually to
the ambient environment. Below is a list of variables that
may affect the thermal resistance and in turn the need for a
heatsink.
RθJC (Component
Variables)
Rθ CA (Application
Variables)
Leadframe Size & Material
Mounting Pad Size,
Material, & Location
No. of Conduction Pins
Placement of Mounting
Pad
Die Size
PCB Size & Material
Die Attach Material
Traces Length & Width
Molding Compound Size
and Material
Adjacent Heat Sources
Volume of Air
Ambient Temperatue
Shape of Mounting Pad
10091918
FIGURE 2. Typical Application using Fixed Output
Regulator
10091919
FIGURE 3. Best Load Regulation using Adjustable
Output Regulator
10091915
FIGURE 4. Regulator with Protection Diode
www.national.com
10


Podobny numer części - LM1117S-2.85

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LM1117S-2.85 ETC1-LM1117S-2.85 Datasheet
108Kb / 8P
   1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
logo
HTC Korea TAEJIN Techno...
LM1117S-2.85V HTC-LM1117S-2.85V Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
More results

Podobny opis - LM1117S-2.85

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com