Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

744831016164 Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 744831016164
Szczegółowy opis  WE-CMBHV Common Mode Power Line Choke
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744831016164 Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744831016164 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744831016164 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744831016164 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744831016164 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744831016164 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
Scale - 1:1,5
46,5 max.
10,0 ±0,5
1,8
O
typ.
8,0 min.
1
2
3
4
Recommended Hole Pattern: [mm]
Scale - 1:1
3
4
1
2
10,0
33,0
Schematic:
2
1
3
4
1
2
Properties
Test conditions
Value
Unit
Tol.
Inductance
10 kHz/ 0.1 mA
L
2x1.6
mH
±30
Rated Current
@ 70 °C
IR
16.4
A
max.
DC Resistance
@ 20 °C
RDC
2x8.5
mΩ
max.
Rated Voltage
50 Hz
UR
760
V (AC) max.
Insulation Test Voltage
50 Hz/ 5 mA/ 2 sec.
UT
3000
V (AC)
Electrical Properties:
It is recommeded that the temperature of the component does not exceed +125°C under worst
case conditions
Storage Temperature (in
original packaging)
-20 °C up to +60 °C
Operating Temperature
-40 °C up to +125 °C
Temperature Rise < 55K
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
Due to heavy weight, we recommend to fix the component on PCB with 2 self tapping screws:
2.2*x
x= screw length, depends from PCB thickness
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
HasA
DIN ISO 2768-1m
DESCRIPTION
WE-CMBHV Common Mode Power
Line Choke
ORDER CODE
744831016164
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
XXL
001.000
Valid
2015-11-10
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 744831016164

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744831010205 WURTH-744831010205 Datasheet
453Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
More results

Podobny opis - 744831016164

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744831020133 WURTH-744831020133 Datasheet
452Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830007215 WURTH-744830007215 Datasheet
439Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744831034090 WURTH-744831034090 Datasheet
452Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744831047068 WURTH-744831047068 Datasheet
452Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830010185 WURTH-744830010185 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830017132 WURTH-744830017132 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830025103 WURTH-744830025103 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830039080 WURTH-744830039080 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744831010205 WURTH-744831010205 Datasheet
453Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744844221 WURTH-744844221 Datasheet
909Kb / 5P
   WE-ExB Common Mode Power Line Choke
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com