Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10ELT22 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10ELT22
Szczegółowy opis  Dual TTL to Differential PECL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT22 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10ELT22_15 Datasheet HTML 1Page - ON Semiconductor MC10ELT22_15 Datasheet HTML 2Page - ON Semiconductor MC10ELT22_15 Datasheet HTML 3Page - ON Semiconductor MC10ELT22_15 Datasheet HTML 4Page - ON Semiconductor MC10ELT22_15 Datasheet HTML 5Page - ON Semiconductor MC10ELT22_15 Datasheet HTML 6Page - ON Semiconductor MC10ELT22_15 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC10ELT22, MC100ELT22
www.onsemi.com
2
1
2
3
45
6
7
8
D0
GND
VCC
Figure 1. Logic Diagram and Pinout Assignment
Q0
D1
Q1
Q1
Q0
PECL
TTL
Table 1. PIN DESCRIPTION
Pin
Function
Qn, Qn
PECL Differential Outputs*
Dn
TTL Inputs
VCC
Positive Supply
GND
Ground
*Output state undetermined when inputs are open.
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
N/A
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
> 2 kV
> 200 V
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
51
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Podobny numer części - MC10ELT22_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10ELT22D ONSEMI-MC10ELT22D Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
MC10ELT22D ONSEMI-MC10ELT22D Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
MC10ELT22D ONSEMI-MC10ELT22D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10ELT22DG ONSEMI-MC10ELT22DG Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
MC10ELT22DR2 ONSEMI-MC10ELT22DR2 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
More results

Podobny opis - MC10ELT22_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
List of Unclassifed Man...
SY10ELT23 ETC2-SY10ELT23 Datasheet
140Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22 Datasheet
51Kb / 4P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23 Datasheet
81Kb / 3P
   Dual Differential PECL to TTL Translator
1996 REV 3
MC10ELT22 ONSEMI-MC10ELT22 Datasheet
81Kb / 3P
   Dual TTL to Differential PECL Translator
REV 3
logo
Micrel Semiconductor
SY10ELT23 MICREL-SY10ELT23 Datasheet
51Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_03 Datasheet
61Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com