Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EL58DR2G Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC100EL58DR2G
Szczegółowy opis  5.0V ECL 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL58DR2G Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC100EL58DR2G Datasheet HTML 1Page - ON Semiconductor MC100EL58DR2G Datasheet HTML 2Page - ON Semiconductor MC100EL58DR2G Datasheet HTML 3Page - ON Semiconductor MC100EL58DR2G Datasheet HTML 4Page - ON Semiconductor MC100EL58DR2G Datasheet HTML 5Page - ON Semiconductor MC100EL58DR2G Datasheet HTML 6Page - ON Semiconductor MC100EL58DR2G Datasheet HTML 7Page - ON Semiconductor MC100EL58DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10EL58, MC100EL58
www.onsemi.com
2
Da, Db
ECL Data Inputs
Q, Q
ECL Data Outputs
SEL
ECL Select Input
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
Table 1. PIN DESCRIPTION
SEL*
H
L
Table 2. FUNCTION TABLE
Data
a
b
PIN
FUNCTION
* Pin will default low when left open.
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
> 1 kV
> 100 V
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
SOIC−8
TSSOP−8
Level 1
Level 3
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
45
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. Refer to Application Note AND8003/D for additional information.


Podobny numer części - MC100EL58DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EL58DR2G ONSEMI-MC100EL58DR2G Datasheet
143Kb / 9P
   5.0 V ECL 2:1 Multiplexer
December, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com