Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP89DTG Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC10EP89DTG
Szczegółowy opis  ECL Coaxial Cable Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP89DTG Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC10EP89DTG Datasheet HTML 1Page - ON Semiconductor MC10EP89DTG Datasheet HTML 2Page - ON Semiconductor MC10EP89DTG Datasheet HTML 3Page - ON Semiconductor MC10EP89DTG Datasheet HTML 4Page - ON Semiconductor MC10EP89DTG Datasheet HTML 5Page - ON Semiconductor MC10EP89DTG Datasheet HTML 6Page - ON Semiconductor MC10EP89DTG Datasheet HTML 7Page - ON Semiconductor MC10EP89DTG Datasheet HTML 8Page - ON Semiconductor MC10EP89DTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC10EP89
http://onsemi.com
5
Table 6. DC CHARACTERISTICS, NECL VCC = 0 V, VEE = -3.3 V (Note 8)
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
24
30
36
26
34
40
30
36
42
mA
VOH
Output HIGH Voltage (Note 9)
-1170
-1145
-895
-1120
-964
-845
-1100
-900
-825
mV
VOL
Output LOW Voltage (Note 9)
-2800
-2516
-2200
-2820
-2514
-2220
-2860
-2478
-2240
mV
VIH
Input HIGH Voltage (Single-Ended)
-1230
-890
-1130
-810
-1060
-720
mV
VIL
Input LOW Voltage (Single-Ended)
-1950
-1500
-1950
-1480
-1950
-1445
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 10)
-1.3
0.0
-1.3
0.0
-1.3
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
8. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to -0.3 V.
9. All loading with 50
W to VCC - 3.0 V.
10. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal.
Table 7. DC CHARACTERISTICS, NECL VCC = 0V, VEE = -5.2 (Note 11)
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
27
34
41
30
37
44
33
40
47
mA
VOH
Output HIGH Voltage (Note 12)
-1170
-1045
-895
-1120
-964
-845
-1100
-900
-825
mV
VOL
Output LOW Voltage (Note 12)
-3100
-2795
-2500
-3150
-2835
-2550
-3150
-2824
-2550
mV
VIH
Input HIGH Voltage (Single-Ended)
-1230
-890
-1130
-810
-1060
-720
mV
VIL
Input LOW Voltage (Single-Ended)
-1950
-1500
-1950
-1480
-1950
-1445
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 13)
-3.2
0.0
-3.2
0.0
-3.2
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
11. Input and output parameters vary 1:1 with VCC. VEE can vary +0.7 V to -0.3 V.
12. All loading with 50
W to VCC - 3.0 V.
13. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal.


Podobny numer części - MC10EP89DTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP89DTG ONSEMI-MC10EP89DTG Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
More results

Podobny opis - MC10EP89DTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89_12 Datasheet
437Kb / 6P
   PECL/ECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
logo
List of Unclassifed Man...
AZ10EL89 ETC1-AZ10EL89 Datasheet
134Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89 Datasheet
115Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com