Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP195MNG Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC100EP195MNG
Szczegółowy opis  ECL Programmable Delay Chip
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP195MNG Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC100EP195MNG Datasheet HTML 1Page - ON Semiconductor MC100EP195MNG Datasheet HTML 2Page - ON Semiconductor MC100EP195MNG Datasheet HTML 3Page - ON Semiconductor MC100EP195MNG Datasheet HTML 4Page - ON Semiconductor MC100EP195MNG Datasheet HTML 5Page - ON Semiconductor MC100EP195MNG Datasheet HTML 6Page - ON Semiconductor MC100EP195MNG Datasheet HTML 7Page - ON Semiconductor MC100EP195MNG Datasheet HTML 8Page - ON Semiconductor MC100EP195MNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MC10EP195, MC100EP195
http://onsemi.com
3
Table 1. PIN DESCRIPTION
Pin
Name
I/O
Default State
Description
23, 25, 26, 27,
29, 30, 31, 32,
1, 2
D[0:9]
LVCMOS, LVTTL,
ECL Input
Low
Single−Ended Parallel Data Inputs [0:9]. Internal 75 k
W to VEE.
(Note 1)
3
D[10]
LVCMOS, LVTTL,
ECL Input
Low
Single−Ended CASCADE/CASCADE Control Input. Internal 75 k
W
to VEE. (Note 1)
4
IN
ECL Input
Low
Noninverted Differential Input. Internal 75 k
W to VEE.
5
IN
ECL Input
High
Inverted Differential Input. Internal 75 k
W to VEE and 36.5 kW to
VCC.
6
VBB
ECL Reference Voltage Output
7
VEF
Reference Voltage for ECL Mode Connection
8
VCF
LVCMOS, ECL, OR LVTTL Input Mode Select
9, 24, 28
VEE
Negative Supply Voltage. All VEE Pins must be Externally
Connected to Power Supply to Guarantee Proper Operation.
(Note 2)
13, 18, 19, 22
VCC
Positive Supply Voltage. All VCC Pins must be externally
Connected to Power Supply to Guarantee Proper Operation.
(Note 2)
10
LEN
ECL Input
Low
Single−ended D pins LOAD / HOLD input. Internal 75 k
W to VEE.
11
SETMIN
ECL Input
Low
Single−ended Minimum Delay Set Logic Input. Internal 75 k
W to
VEE. (Note 1)
12
SETMAX
ECL Input
Low
Single−ended Maximum Delay Set Logic Input. Internal 75 k
W to
VEE. (Note 1)
14
CASCADE
ECL Output
Inverted Differential Cascade Output for D[10]. Typically Terminated
with 50
W to VTT = VCC − 2 V.
15
CASCADE
ECL Output
Noninverted Differential Cascade Output. for D[10] Typically
Terminated with 50
W to VTT = VCC − 2 V.
16
EN
ECL Input
Low
Single−ended Output Enable Pin. Internal 75 k
W to VEE.
17
NC
No Connect. The NC Pin is Electrically Connected to the Die and
”MUST BE” Left Open
21
Q
ECL Output
Noninverted Differential Output. Typically Terminated with 50
W to
VTT = VCC − 2 V.
20
Q
ECL Output
Inverted Differential Output. Typically Terminated with 50
W to
VTT = VCC − 2 V.
1. SETMIN will override SETMAX if both are high. SETMAX and SETMIN will override all D[0:10] inputs.
2. All VCC and VEE pins must be externally connected to Power Supply to guarantee proper operation.


Podobny numer części - MC100EP195MNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP195MNG ONSEMI-MC100EP195MNG Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
More results

Podobny opis - MC100EP195MNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196A ONSEMI-MC100EP196A Datasheet
158Kb / 18P
   3.3 V ECL Programmable Delay Chip
September, 2006 ??Rev. 0
logo
RCD COMPONENTS INC.
EC3A-1 RCD-EC3A-1 Datasheet
974Kb / 1P
   PROGRAMMABLE ECL DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com