Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP445MNR4G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100EP445MNR4G
Szczegółowy opis  ECL 8-Bit Serial/Parallel Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP445MNR4G Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100EP445MNR4G Datasheet HTML 1Page - ON Semiconductor MC100EP445MNR4G Datasheet HTML 2Page - ON Semiconductor MC100EP445MNR4G Datasheet HTML 3Page - ON Semiconductor MC100EP445MNR4G Datasheet HTML 4Page - ON Semiconductor MC100EP445MNR4G Datasheet HTML 5Page - ON Semiconductor MC100EP445MNR4G Datasheet HTML 6Page - ON Semiconductor MC100EP445MNR4G Datasheet HTML 7Page - ON Semiconductor MC100EP445MNR4G Datasheet HTML 8Page - ON Semiconductor MC100EP445MNR4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2014
June, 2014 − Rev. 16
1
Publication Order Number:
MC10EP445/D
MC10EP445, MC100EP445
3.3V/5V ECL 8-Bit
Serial/Parallel Converter
Description
The MC10/100EP445 is an integrated 8–bit differential serial to
parallel data converter with asynchronous data synchronization. The
device has two modes of operation. CKSEL HIGH mode is designed
to operate NRZ data rates of up to 3.3 Gb/s, while CKSEL LOW mode
is designed to operate at twice the internal clock data rate of up to
5.0 Gb/s. The conversion sequence was chosen to convert the first
serial bit to Q0, the second bit to Q1, etc. Two selectable differential
serial inputs, which are selected by SINSEL, provide this device with
loop−back testing capability. The MC10/100EP445 has a SYNC pin
which, when held high for at least two consecutive clock cycles, will
swallow one bit of data shifting the start of the conversion data from
Dn to Dn+1. Each additional shift requires an additional pulse to be
applied to the SYNC pin.
Control pins are provided to reset and disable internal clock
circuitry. Additionally, VBB pin is provided for single−ended input
condition.
The 100 Series contains temperature compensation.
Features
1530 ps Propagation Delay
5.0 Gb/s Typical Data Rate for CLKSEL LOW Mode
Differential Clock and Serial Inputs
VBB Output for Single-Ended Input Applications
Asynchronous Data Synchronization (SYNC)
Asynchronous Master Reset (RESET)
PECL Mode Operating Range: VCC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −5.5 V
Open Input Default State
CLK ENABLE Immune to Runt Pulse Generation
These Devices are Pb−Free and are RoHS Compliant
LQFP−32
FA SUFFIX
CASE 873A
MARKING
DIAGRAM*
*For additional marking information, refer to
Application Note AND8002/D.
http://onsemi.com
MCxxx
EP445
AWLYYWWG
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G or
G = Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
32
1
MCxx
EP445
AWLYYWW
G
G
1
QFN32
MN SUFFIX
CASE 488AM
(Note: Microdot may be in either location)


Podobny numer części - MC100EP445MNR4G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC100EP445 ONSEMI-MC100EP445 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC100EP445FA ONSEMI-MC100EP445FA Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC100EP445FA ONSEMI-MC100EP445FA Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC100EP445FAG ONSEMI-MC100EP445FAG Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
More results

Podobny opis - MC100EP445MNR4G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
logo
New Japan Radio
NJU3711 NJRC-NJU3711 Datasheet
307Kb / 6P
   8-BIT SERIAL TO PARALLEL CONVERTER
NJU3712 NJRC-NJU3712 Datasheet
214Kb / 7P
   8-BIT SERIAL TO PARALLEL CONVERTER?
logo
National Semiconductor ...
54165 NSC-54165 Datasheet
109Kb / 6P
   8-Bit Parallel-to-Serial Converter
August 1989
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446_14 Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
MC10EP446 ONSEMI-MC10EP446_07 Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com