Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H102 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC10H102
Szczegółowy opis  Quad 2?륤nput NOR Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H102 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC10H102 Datasheet HTML 1Page - ON Semiconductor MC10H102 Datasheet HTML 2Page - ON Semiconductor MC10H102 Datasheet HTML 3Page - ON Semiconductor MC10H102 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC10H102
www.onsemi.com
3
PACKAGE DIMENSIONS
20 LEAD PLLC
CASE 775−02
ISSUE F
−M−
−N−
−L−
Y BRK
W
V
D
D
S
L-M
M
0.007 (0.180)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
S
L-M
S
0.010 (0.250)
N S
T
X
G1
B
U
Z
VIEW D−D
20
1
S
L-M
M
0.007 (0.180)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
S
L-M
S
0.010 (0.250)
N S
T
C
G
VIEW S
E
J
R
Z
A
0.004 (0.100)
−T− SEATING
PLANE
S
L-M
M
0.007 (0.180)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
H
VIEW S
K
K1
F
G1
NOTES:
1. DIMENSIONS AND TOLERANCING PER ANSI Y14.5M,
1982.
2. DIMENSIONS IN INCHES.
3. DATUMS −L−, −M−, AND −N− DETERMINED WHERE TOP
OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD
PARTING LINE.
4. DIMENSION G1, TRUE POSITION TO BE MEASURED AT
DATUM −T−, SEATING PLANE.
5. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH.
ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE.
6. DIMENSIONS IN THE PACKAGE TOP MAY BE SMALLER
THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300).
DIMENSIONS R AND U ARE DETERMINED AT THE
OUTERMOST EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE
BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY
MISMATCH BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION
TO BE GREATER THAN 0.037 (0.940). THE DAMBAR
INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO
BE SMALLER THAN 0.025 (0.635).
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.385
0.395
9.78
10.03
B
0.385
0.395
9.78
10.03
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.021
0.33
0.53
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
−−−
0.51
−−−
K
0.025
−−−
0.64
−−−
R
0.350
0.356
8.89
9.04
U
0.350
0.356
8.89
9.04
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
−−−
0.020
−−−
0.50
Z
2
10
2
10
G1
0.310
0.330
7.88
8.38
K1
0.040
−−−
1.02
−−−
____


Podobny numer części - MC10H102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H102 ONSEMI-MC10H102 Datasheet
94Kb / 3P
   Quad 2-Input NOR Gate
REV 5
MC10H102 ONSEMI-MC10H102 Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
MC10H102FN ONSEMI-MC10H102FN Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
MC10H102FNG ONSEMI-MC10H102FNG Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
MC10H102FNR2 ONSEMI-MC10H102FNR2 Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
More results

Podobny opis - MC10H102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H105 ONSEMI-MC10H105_16 Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
MC10H104 ONSEMI-MC10H104_16 Datasheet
139Kb / 5P
   Quad 2?륤nput AND Gate
August, 2016 ??Rev. 9
MC10E101 ONSEMI-MC10E101_16 Datasheet
153Kb / 7P
   5V ECL Quad 4?륤nput OR/NOR Gate
July, 2016 ??Rev. 9
MC10H107 ONSEMI-MC10H107_16 Datasheet
136Kb / 5P
   Triple 2?륤nput Exclusive OR/Exclusive NOR Gate
August, 2016 ??Rev. 8
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com