Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H102FNR2G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10H102FNR2G
Szczegółowy opis  Quad 2?륤nput NOR Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H102FNR2G Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10H102FNR2G Datasheet HTML 1Page - ON Semiconductor MC10H102FNR2G Datasheet HTML 2Page - ON Semiconductor MC10H102FNR2G Datasheet HTML 3Page - ON Semiconductor MC10H102FNR2G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 8
1
Publication Order Number:
MC10H102/D
MC10H102
Quad 2‐Input NOR Gate
Description
The MC10H102 is a quad 2-input NOR gate. The MC10H102
provides one gate with OR/NOR outputs. This MECL 10H
™ part is a
functional/pinout duplication of the standard MECL 10K
™ family
part, with 100% improvement in propagation delay, and no increases
in power − supply current.
Features
Propagation Delay, 1.0 ns Typical
Power Dissipation 25 mW/Gate (same as MECL 10K)
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K Compatible
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
Figure 1. Logic Diagram
Figure 2. Pin Assignment
VCC1
Aout
Bout
Ain
Ain
Bin
Bin
VEE
VCC2
Dout
Cout
Din
DIN
Cin
Cin
Dout
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC1 = Pin 1
VCC2 = Pin 16
VEE = Pin 8
14
13
12
11
10
3
7
6
2
5
4
15
9
Pin assignment is for Dual-in-Line Package.
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648−08
www.onsemi.com
16
1
6
1
MC10H102P
AWLYYWWG
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb-Fee Package
PLLC−20
FN SUFFIX
CASE 775−02
20 1
10H102G
AWLYYWW
120
*For additional marking information, refer to
Application Note AND8002/D.
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10H102FNR2G
PLCC−20
(Pb-Free)
500/Tape & Reel
MC10H102PG
PDIP−16
(Pb-Free)
25 Units/Tube


Podobny numer części - MC10H102FNR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H102FNR2G ONSEMI-MC10H102FNR2G Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
More results

Podobny opis - MC10H102FNR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H105 ONSEMI-MC10H105_16 Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
MC10H104 ONSEMI-MC10H104_16 Datasheet
139Kb / 5P
   Quad 2?륤nput AND Gate
August, 2016 ??Rev. 9
MC10E101 ONSEMI-MC10E101_16 Datasheet
153Kb / 7P
   5V ECL Quad 4?륤nput OR/NOR Gate
July, 2016 ??Rev. 9
MC10H107 ONSEMI-MC10H107_16 Datasheet
136Kb / 5P
   Triple 2?륤nput Exclusive OR/Exclusive NOR Gate
August, 2016 ??Rev. 8
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com