Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H136FNG Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10H136FNG
Szczegółowy opis  Universal Hexadecimal Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H136FNG Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10H136FNG Datasheet HTML 1Page - ON Semiconductor MC10H136FNG Datasheet HTML 2Page - ON Semiconductor MC10H136FNG Datasheet HTML 3Page - ON Semiconductor MC10H136FNG Datasheet HTML 4Page - ON Semiconductor MC10H136FNG Datasheet HTML 5Page - ON Semiconductor MC10H136FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 9
1
Publication Order Number:
MC10H136/D
MC10H136
Universal Hexadecimal
Counter
Description
The MC10H136 is a high speed synchronous hexadecimal counter.
This 10H part is a functional/pinout duplication of the standard
MECL 10K
™ family part, with 100% improvement in counting
frequency and no increase in power-supply current.
Features
Counting Frequency, 250 MHz Minimum
Power Dissipation, 625 mW Typical
Improved Noise Margin 150 mV
(Over Operating Voltage and Temperature Range)
Voltage Compensated
MECL 10K Compatible
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
www.onsemi.com
6
1
MC10H136P
AWLYYWWG
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
10H136G
AWLYYWW
120
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648−08
16
1
PLLC−20
FN SUFFIX
CASE 775−02
20 1
*For additional marking information, refer to
Application Note AND8002/D.
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10H136FNG
PLCC−28
(Pb-Free)
46 Units/Tube
MC10H136PG
PDIP−16
(Pb-Free)
25 Units/Tube


Podobny numer części - MC10H136FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H136FNG ONSEMI-MC10H136FNG Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
More results

Podobny opis - MC10H136FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_06 Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
ON Semiconductor
MC10136 ONSEMI-MC10136_02 Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10H136 ONSEMI-MC10H136 Datasheet
116Kb / 4P
   Universal Hexadecimal Counter
REV 6
MC10136 ONSEMI-MC10136 Datasheet
150Kb / 8P
   Universal Hexadecimal Counter
1996 REV 5
logo
Motorola, Inc
MC10137 MOTOROLA-MC10137 Datasheet
130Kb / 6P
   Universal Decade Counter
logo
Keysight Technologies
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53230A KEYSIGHT-53230A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
E1420B KEYSIGHT-E1420B Datasheet
335Kb / 5P
   High-Performance VXI Universal Counter
53220A KEYSIGHT-53220A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com