Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST-JN5-S-C1B-2500 Arkusz danych(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Numer części ST-JN5-S-C1B-2500
Szczegółowy opis  Compact Waterproof Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JAE [Japan Aviation Electronics Industry, Ltd.]
Strona internetowa  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ST-JN5-S-C1B-2500 Arkusz danych(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  ST-JN5-S-C1B-2500 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ST-JN5-S-C1B-2500 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ST-JN5-S-C1B-2500 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MB-0118-2
2/3
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
Components
Material
Finishes
1 Socket contact
Copper alloy
Au plating
2 Socket insulator 1
Synthetic resin
----------------
3 Socket insulator 2
Synthetic resin
----------------
4 Hood
Synthetic resin
----------------
5 Grand nut
Synthetic resin
----------------
6 Gasket
Synthetic rubber
----------------
7 Bushing
Synthetic rubber
----------------
8 Gasket for screw
Synthetic rubber
----------------
9 Screw
Steel
Ni plating
Ordering Information
JN5 C W 06 U J 1
Series
Connector type
C: Receptacle
F: Angle plug
Modification code
Contact size
J: #18 size
Connection method
U: Straight through-hole
S: Crimp socket
No. of contact
Shell size
Type
Part Number
Remark
1
Receptacle (6pos.)
JN5CW06UJ1
For power Straight through-hole type
2
Angle plug (6pos.)
JN5FW06SJ1
For power Crimp socket type
Type
Part Number
Remark
1
Socket contact (alone)
ST-JN5-S-C1B-100-(A534G)
Alone (100 pcs.)
/ 6pos.for plug
2
Socket contact (reel)
ST-JN5-S-C1B-2500-(A534G)
Reel (3500 pcs.) / 6pos.for plug
Components
Material
Finishes
1 Bar contact
Copper alloy
Au plating
2 Earth contact
Copper alloy
Au plating
3 Insulator
Synthetic resin
----------------
4 Insulator cover
Synthetic resin
----------------
5 Screw with spring
Steel
Ni plating


Podobny numer części - ST-JN5-S-C1B-2500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Japan Aviation Electron...
ST-JN5-S-C1B-2500 JAE-ST-JN5-S-C1B-2500 Datasheet
640Kb / 9P
   Small Waterproof Connector
More results

Podobny opis - ST-JN5-S-C1B-2500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Japan Aviation Electron...
MX47 JAE-MX47 Datasheet
284Kb / 5P
   Compact Waterproof Automotive Connectors
MX44 JAE-MX44 Datasheet
159Kb / 6P
   Compact Waterproof Automotive Connectors with Low Pin Counts
logo
Hirose Electric
DF63W HIROSE-DF63W Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Japan Aviation Electron...
MX23A JAE-MX23A Datasheet
229Kb / 7P
   Compact Type Low-profiled Waterproof Connector
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com