Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP52DR2G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10EP52DR2G
Szczegółowy opis  ECL Differential Data and Clock D Flip?륡lop
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP52DR2G Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10EP52DR2G Datasheet HTML 1Page - ON Semiconductor MC10EP52DR2G Datasheet HTML 2Page - ON Semiconductor MC10EP52DR2G Datasheet HTML 3Page - ON Semiconductor MC10EP52DR2G Datasheet HTML 4Page - ON Semiconductor MC10EP52DR2G Datasheet HTML 5Page - ON Semiconductor MC10EP52DR2G Datasheet HTML 6Page - ON Semiconductor MC10EP52DR2G Datasheet HTML 7Page - ON Semiconductor MC10EP52DR2G Datasheet HTML 8Page - ON Semiconductor MC10EP52DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 8
1
Publication Order Number:
MC10EP52/D
MC10EP52, MC100EP52
3.3V / 5V ECL Differential
Data and Clock D Flip‐Flop
Description
The MC10EP/100EP52 is a differential data, differential clock D
flip-flop. The device is pin and functionally equivalent to the EL52
device.
Data enters the master portion of the flip−flop when the clock is
LOW and is transferred to the slave, and thus the outputs, upon a
positive transition of the clock. The differential clock inputs of the
EP52 allow the device to also be used as a negative edge triggered
device.
The EP52 employs input clamping circuitry so that under open input
conditions (pulled down to VEE) the outputs of the device will remain
stable.
The 100 Series contains temperature compensation.
Features
330 ps Typical Propagation Delay
Maximum Frequency = u 4 GHz Typical
PECL Mode: VCC = 3.0 V to 5.5 V with VEE = 0 V
NECL Mode: VCC = 0 V with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Q Output Will Default LOW with Inputs Open or at VEE
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
SOIC−8 NB
D SUFFIX
CASE 751−07
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R−02
ALYWG
G
HP01
ALYWG
G
KP01
1
8
1
8
1
8
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
1
8
HEP01
ALYW
G
1
8
KEP01
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
SOIC−8 NB
TSSOP−8
DFN8
14
14
H
= MC10
A = Assembly Location
K
= MC100 L
= Wafer Lot
5T
= MC10
Y = Year
3O = MC100 W = Work Week
M = Date Code
G
= Pb-Free Package
(Note: Microdot may be in either location)


Podobny numer części - MC10EP52DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP52DR2G ONSEMI-MC10EP52DR2G Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
More results

Podobny opis - MC10EP52DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL29 ONSEMI-MC100LVEL29_16 Datasheet
154Kb / 6P
   ECL Dual Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10EL52 ONSEMI-MC10EL52_16 Datasheet
170Kb / 8P
   5 V ECL Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10EL51 ONSEMI-MC10EL51_16 Datasheet
168Kb / 7P
   5V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 8
MC100LVEL51 ONSEMI-MC100LVEL51_16 Datasheet
172Kb / 9P
   3.3V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10EL52 ONSEMI-MC10EL52_06 Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10EP35 ONSEMI-MC10EP35_16 Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
MC10EP31 ONSEMI-MC10EP31_16 Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
logo
Maxim Integrated Produc...
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com