Zakładka z wyszukiwarką danych komponentów |
|
LTV817 Arkusz danych(PDF) 2 Page - Lite-On Technology Corporation |
|
LTV817 Arkusz danych(HTML) 2 Page - Lite-On Technology Corporation |
2 / 5 page 12-111 Ordering Information Part Number Package Safety Standard Approval Application part number LTV-817 LTV-817M LTV-817S LTV-817S-TA LTV-817S-TA1 LTV817-V LTV817M-V LTV817S-V LTV817STA-V LTV817STA1-V LTV-827 LTV-827M LTV-827S LTV-827S-TA LTV-827S-TA1 LTV-847 LTV-847M LTV-847S LTV-847S-TA LTV-847S-TA1 LTV827-V LTV827M-V LTV827S-V LTV827STA-V LTV827STA1-V LTV847-V LTV847M-V LTV847S-V LTV847STA-V LTV847STA1-V 4-pin DIP 4-pin (leads with 0.4" spacing) 4-pin (lead bends for surface mount) 4-pin (tape and reel packaging of type I) 4-pin (tape and reel packaging of type II) 8-pin DIP 8-pin (leads with 0.4" spacing) 8-pin (lead bends for surface mount) 8-pin (tape and reel packaging of type I) 8-pin (tape and reel packaging of type II) 16-pin DIP 16-pin (leads with 0.4" spacing) 16-pin (lead bends for surface mount) 16-pin (tape and reel packaging of type I) 16-pin (tape and reel packaging of type II) 4-pin DIP 4-pin (leads with 0.4" spacing) 4-pin (lead bends for surface mount) 4-pin (tape and reel packaging of type I) 4-pin (tape and reel packaging of type II) 8-pin DIP 8-pin (leads with 0.4" spacing) 8-pin (lead bends for surface mount) 8-pin (tape and reel packaging of type I) 8-pin (tape and reel packaging of type II) 16-pin DIP 16-pin (leads with 0.4" spacing) 16-pin (lead bends for surface mount) 16-pin (tape and reel packaging of type I) 16-pin (tape and reel packaging of type II) UL approved TUV approved CSA approved FIMKO approved NEMKO approved SEMKO approved DEMKO approved VDE approved LTV-817 LTV-827 LTV-847 LTV-817 LTV-827 LTV-847 Note: 1.Year date code. 2. 2-digit work week. 3. Factory code shall be marked (Z : Taiwan, Y : Thailand). 4.Rank shall be or shall not be marked. 5. All dimensions are in millimeters (inches). 6. Tolerance is 0.25mm (.010 ) unless otherwise noted. 7. Specifications are subject to change without notice. |
Podobny numer części - LTV817 |
|
Podobny opis - LTV817 |