Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP016FAR2 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części MC10EP016FAR2
Szczegółowy opis  3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP016FAR2 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button MC10EP016FAR2 Datasheet HTML 4Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 5Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 6Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 7Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 8Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 9Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 10Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 11Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC10EP016, MC100EP016
http://onsemi.com
8
Applications Information (continued)
H
L
H
HL
L
L
H
H
H
H
TC
PE
CE
TCLD
CLK
P7
P6
P4
P3
P2
P1 P0
P5
Q7 Q6
Q4 Q3
Q2 Q1 Q0
Q5
Figure 4. Mod 2 to 256 Programmable Divider
CLK
COUT
COUT
To determine what value to load into the device to
accomplish the desired division, the designer simply
subtracts the binary equivalent of the desired divide ratio
from the binary value for 256. As an example for a divide
ratio of 113:
Pn’s = 256 – 113 = 8F16 = 1000 1111
where:
P0 = LSB and P7 = MSB
Forcing this input condition as per the setup in Figure 4
will result in the waveforms of Figure 5. Note that the TC
output is used as the divide output and the pulse duration is
equal to a full clock period. For even divide ratios, twice the
desired divide ratio can be loaded into the EP016 and the TC
output can feed the clock input of a toggle flip flop to create
a signal divided as desired with a 50% duty cycle.
Table 1. Preset Values for Various Divide Ratios
Divide
Preset Data Inputs
de
Ratio
P7
P6
P5
P4
P3
P2
P1
P0
2
H
H
H
H
H
H
H
L
3
H
HH
H
H
H
L
H
4
H
HH
H
H
H
L
L
5
H
HH
H
H
L
H
H
••
•••
••
•••
112
H
LL
H
L
LLL
113
H
L
L
L
H
HHH
114
H
LL
L
H
H
H
L
••
•••
••
•••
254
L
LL
L
L
L
H
L
255
L
LL
L
L
LL
H
256
L
L
L
L
L
L
L
L
A single EP016 can be used to divide by any ratio from 2
to 256 inclusive. If divide ratios of greater than 256 are
needed multiple EP016s can be cascaded in a manner similar
to that already discussed. When EP016s are cascaded to
build larger dividers the TCLD pin will no longer provide a
means for loading on terminal count. Because one does not
want to reload the counters until all of the devices in the
chain have reached terminal count, external gating of the TC
pins must be used for multiple EP016 divider chains.
•••
PE
•••
•••
CLK
TC
Load
DIVIDE BY 113
Load
1001 0000
1001 0001
1111 1100
1111 1101
1111 1110
1111 1111
Figure 5. Divide by 113 EP016 Programmable Divider Waveforms


Podobny numer części - MC10EP016FAR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP016FAR2 ONSEMI-MC10EP016FAR2 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016FAR2 ONSEMI-MC10EP016FAR2 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10EP016FAR2G ONSEMI-MC10EP016FAR2G Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016FAR2G ONSEMI-MC10EP016FAR2G Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com