Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10LVEP11DTG Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10LVEP11DTG
Szczegółowy opis  ECL 1:2 Differential Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10LVEP11DTG Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10LVEP11DTG Datasheet HTML 1Page - ON Semiconductor MC10LVEP11DTG Datasheet HTML 2Page - ON Semiconductor MC10LVEP11DTG Datasheet HTML 3Page - ON Semiconductor MC10LVEP11DTG Datasheet HTML 4Page - ON Semiconductor MC10LVEP11DTG Datasheet HTML 5Page - ON Semiconductor MC10LVEP11DTG Datasheet HTML 6Page - ON Semiconductor MC10LVEP11DTG Datasheet HTML 7Page - ON Semiconductor MC10LVEP11DTG Datasheet HTML 8Page - ON Semiconductor MC10LVEP11DTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MC10LVEP11, MC100LVEP11
www.onsemi.com
2
1
2
3
45
6
7
8
D
VEE
VCC
Q0
D
Q1
Q1
Q0
Figure 1. 8-Lead Pinout (Top View) and Logic
Diagram
Table 1. PIN DESCRIPTION
PIN
FUNCTION
D*, D**
ECL Data Inputs
Q0, Q0, Q1, Q1
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
EP
(DFN−8 only) Thermal exposed pad
must be connected to a sufficient ther-
mal conduit. Electrically connect to the
most negative supply (GND) or leave
unconnected, floating open.
*Pins will default to 2/3 VCC when left open.
**Pins will default LOW when left open.
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pullup Resistor
37.5 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb-Free Pkg
SOIC−8NB
TSSOP−8
DFN−8
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
110 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Podobny numer części - MC10LVEP11DTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10LVEP11DTG ONSEMI-MC10LVEP11DTG Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
More results

Podobny opis - MC10LVEP11DTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com