Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10SX1189DG Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10SX1189DG
Szczegółowy opis  Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1189DG Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10SX1189DG Datasheet HTML 1Page - ON Semiconductor MC10SX1189DG Datasheet HTML 2Page - ON Semiconductor MC10SX1189DG Datasheet HTML 3Page - ON Semiconductor MC10SX1189DG Datasheet HTML 4Page - ON Semiconductor MC10SX1189DG Datasheet HTML 5Page - ON Semiconductor MC10SX1189DG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 5
1
Publication Order Number:
MC10SX1189/D
MC10SX1189
Fibre Channel Coaxial
Cable Driver and Loop
Resiliency Circuit
Description
The MC10SX1189 is a differential receiver, differential transmitter
specifically designed to drive coaxial cables. It incorporates the output
cable drive capability of the MC10EL89 Coaxial Cable Driver with
additional circuitry to multiplex the output cable drive source between
the cable receiver or the local transmitter inputs. The multiplexer
control circuitry is TTL compatible for ease of operation.
The MC10SX1189 is useful as a bypass element for Fibre
Channel-Arbitrated Loop (FC-AL) or Serial Storage Architecture
(SSA) applications, to create loop style interconnects with fault
tolerant, active switches at each device node. This device is
particularly useful for back panel applications where small size is
desirable.
The EL89 style drive circuitry produces swings twice as large as
a standard PECL output. When driving a coaxial cable, proper
termination is required at both ends of the line to minimize reflections.
The 1.6 V output swings allow for proper termination at both ends
of the cable, while maintaining the required swing at the receiving end
of the cable. Because of the larger output swings, the QT, QT outputs
are terminated into the thevenin equivalent of 50
W to VCC − 3.0 V
instead of 50
W to VCC − 2.0 V.
Features
425 ps Propagation Delay
1.6 V Output Swing on the Cable Driving Output
Operation Range:
VCC = 4.5 V to 5.5 V
75 kW Internal Input Pull Down Resistors
>1000 V ESD Protection
Transistor Count = 102
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
FIBRE CHANNEL COAXIAL
CABLE DRIVER AND LOOP
RESILIENCY CIRCUIT
16
1
www.onsemi.com
SOIC−16
CASE 751B−05
10SX1189= Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb-Free Package
10SX1189G
AWLYWW
ORDERING INFORMATION
Device
Package
Shipping
MC10SX1189DG
SOIC−16
(Pb-Free)
48 Units/Tube
MARKING DIAGRAM*
(Note: Microdot may be in either location)
*For additional marking information, refer to
Application Note AND8002/D.


Podobny numer części - MC10SX1189DG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10SX1189DG ONSEMI-MC10SX1189DG Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
More results

Podobny opis - MC10SX1189DG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189_06 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1190 ONSEMI-MC10SX1190_06 Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189_03 Datasheet
60Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189 Datasheet
79Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
1996 REV 1
MC10SX1190 ONSEMI-MC10SX1190 Datasheet
105Kb / 8P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
December, 1999 ??Rev. 1
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189 Datasheet
53Kb / 4P
   FIBRE CHANNEL COAXIAL
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com