Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100E310 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC100E310
Szczegółowy opis  5 V ECL Low Voltage 2:8 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E310 Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC100E310_16 Datasheet HTML 1Page - ON Semiconductor MC100E310_16 Datasheet HTML 2Page - ON Semiconductor MC100E310_16 Datasheet HTML 3Page - ON Semiconductor MC100E310_16 Datasheet HTML 4Page - ON Semiconductor MC100E310_16 Datasheet HTML 5Page - ON Semiconductor MC100E310_16 Datasheet HTML 6Page - ON Semiconductor MC100E310_16 Datasheet HTML 7Page - ON Semiconductor MC100E310_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC100E310
www.onsemi.com
5
Table 6. AC CHARACTERISTICS (VCCx = 5.0 V; VEE= 0 V or VCCx = 0 V; VEE = −5.0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle Frequency
700
900
700
900
700
900
MHz
tPLH
tPHL
Propagation Delay to Output
IN (differential) (Note 2)
IN (single-ended) (Note 3)
525
500
725
750
550
550
750
800
575
600
775
850
ps
tskew
Within-Device Skew (Note 4)
Part-to-Part Skew (Diff)
75
250
50
200
50
200
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
VPP
Input Voltage Swing
(Differential Configuration)
500
500
500
mV
tr/tf
Output Rise/Fall Time (20%−80%)
200
600
200
600
200
600
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. VEE can vary −0.46 V / +0.8 V.
2. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals. See Definitions and Testing of ECLinPS AC Parameters in Chapter 1 (page 1−12) of the ON Semiconductor
High Performance ECL Data Book (DL140/D).
3. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
4. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device.


Podobny numer części - MC100E310_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100E310FN ONSEMI-MC100E310FN Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNG ONSEMI-MC100E310FNG Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNR2 ONSEMI-MC100E310FNR2 Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNR2G ONSEMI-MC100E310FNR2G Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
More results

Podobny opis - MC100E310_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100E310 ONSEMI-MC100E310 Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100LVE310 ONSEMI-MC100LVE310_16 Datasheet
158Kb / 7P
   3.3 V ECL 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 6
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100LVE310 ONSEMI-MC100LVE310 Datasheet
130Kb / 6P
   LOW VOLTAGE 2:8 DIFFERENTIAL FANOUT BUFFER
1996 REV 0.1
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EL11 ONSEMI-MC10EL11_16 Datasheet
166Kb / 8P
   5.0V ECL 1:2 Differential Fanout Buffer
July, 2016??Rev. 11
MC10EL11 ONSEMI-MC10EL11_06 Datasheet
150Kb / 9P
   5.0 V ECL 1:2 Differential Fanout Buffer
December, 2006??Rev. 9
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com