Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEP11DG Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC100LVEP11DG
Szczegółowy opis  ECL 1:2 Differential Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP11DG Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC100LVEP11DG Datasheet HTML 1Page - ON Semiconductor MC100LVEP11DG Datasheet HTML 2Page - ON Semiconductor MC100LVEP11DG Datasheet HTML 3Page - ON Semiconductor MC100LVEP11DG Datasheet HTML 4Page - ON Semiconductor MC100LVEP11DG Datasheet HTML 5Page - ON Semiconductor MC100LVEP11DG Datasheet HTML 6Page - ON Semiconductor MC100LVEP11DG Datasheet HTML 7Page - ON Semiconductor MC100LVEP11DG Datasheet HTML 8Page - ON Semiconductor MC100LVEP11DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MC10LVEP11, MC100LVEP11
www.onsemi.com
5
Table 6. 10LVEP DC CHARACTERISTICS, NECL (VCC = 0 V, VEE = −3.8 V to −2.375 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
25
33
40
29
33
40
32
34
42
mA
VOH
Output HIGH Voltage (Note 2)
−1135 −1010
−885
−1070
−945
−820
−1010
−885
−760
mV
VOL
Output LOW Voltage (Note 2)
−1935 −1760 −1635 −1870 −1695 −1570 −1810 −1635 −1510
mV
VIH
Input HIGH Voltage (Single-Ended)
(Note 3)
−1210
−885
−1145
−820
−1085
−760
mV
VIL
Input LOW Voltage (Single-Ended)
(Note 3)
−1935
−1610 −1870
−1545 −1810
−1485
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 4)
VEE+1.2
0.0
VEE+1.2
0.0
VEE+1.2
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC.
2. All loading with 50 W to VCC − 2.0 V.
3. Single-Ended input CLK pin operation is limited to VEE v −3.0 V in NECL mode.
4. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 7. 100LVEP DC CHARACTERISTICS, PECL (VCC = 2.5 V, VEE = 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
25
35
42
29
38
46
32
41
50
mA
VOH
Output HIGH Voltage (Note 2)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VOL
Output LOW Voltage (Note 2)
555
730
900
555
730
900
555
730
900
mV
VIH
Input HIGH Voltage (Single-Ended)
1335
1620
1335
1620
1335
1620
mV
VIL
Input LOW Voltage (Single-Ended)
555
900
555
900
555
900
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 3)
1.2
2.5
1.2
2.5
1.2
2.5
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.125 V to −1.3 V.
2. All loading with 50 W to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal. Single-Ended input CLK pin operation is limited to VCC w 3.0 V in PECL mode.


Podobny numer części - MC100LVEP11DG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEP11DG ONSEMI-MC100LVEP11DG Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
More results

Podobny opis - MC100LVEP11DG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com