Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJW3281A Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MJW3281A
Szczegółowy opis  Complementary NPN-PNP Silicon Power Bipolar Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW3281A Arkusz danych(HTML) 3 Page - ON Semiconductor

  MJW3281A Datasheet HTML 1Page - ON Semiconductor MJW3281A Datasheet HTML 2Page - ON Semiconductor MJW3281A Datasheet HTML 3Page - ON Semiconductor MJW3281A Datasheet HTML 4Page - ON Semiconductor MJW3281A Datasheet HTML 5Page - ON Semiconductor MJW3281A Datasheet HTML 6Page - ON Semiconductor MJW3281A Datasheet HTML 7Page - ON Semiconductor MJW3281A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJW3281A (NPN) MJW1302A (PNP)
http://onsemi.com
3
Figure 3. DC Current Gain, VCE = 20 V
Figure 4. DC Current Gain, VCE = 20 V
Figure 5. DC Current Gain, VCE = 5 V
Figure 6. DC Current Gain, VCE = 5 V
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 7. Typical Output Characteristics
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 8. Typical Output Characteristics
PNP MJW1302A
NPN MJW3281A
TYPICAL CHARACTERISTICS
PNP MJW1302A
PNP MJW1302A
NPN MJW3281A
NPN MJW3281A
45
25
20
15
10
5.0
0
5.0
010
15
20
25
45
25
20
15
10
0
5.0
010
15
20
25
5.0
1.5 A
1 A
0.5 A
IB = 2 A
TJ = 25°C
30
40
35
1.5 A
1 A
0.5 A
IB = 2 A
TJ = 25°C
40
35
30
1000
100
10
10
1.0
0.1
TJ = 100°C
25°C
-25°C
VCE = 20 V
1000
100
10
100
10
1.0
0.1
TJ = 100°C
25°C
-25°C
VCE = 20 V
100
1000
100
10
100
10
1.0
0.1
TJ = 100°C
25°C
-25°C
VCE = 5 V
1000
100
10
100
10
1.0
0.1
TJ = 100°C
25°C
-25°C
VCE = 5 V


Podobny numer części - MJW3281A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJW3281A ONSEMI-MJW3281A Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
logo
Inchange Semiconductor ...
MJW3281A ISC-MJW3281A Datasheet
231Kb / 2P
   isc Silicon NPN Power Transistor
logo
ON Semiconductor
MJW3281AG ONSEMI-MJW3281AG Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJW3281AG ONSEMI-MJW3281AG Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
More results

Podobny opis - MJW3281A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW3281A ONSEMI-MJW3281A_10 Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
NJW3281G ONSEMI-NJW3281G Datasheet
89Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW0281G ONSEMI-NJW0281G Datasheet
80Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJL4281A ONSEMI-MJL4281A_13 Datasheet
102Kb / 5P
   Complementary NPN-PN Silicon Power Bipolar Transistors
June, 2013 ??Rev. 3
MJW0281AG ONSEMI-MJW0281AG Datasheet
63Kb / 6P
   Complementary NPN?뭁NP Power Bipolar Transistors
June, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com