Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP16VSDTG Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100EP16VSDTG
Szczegółowy opis  3.3 V / 5 V ECL Differential Receiver/Driver with Variable Output Swing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16VSDTG Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100EP16VSDTG Datasheet HTML 1Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 2Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 3Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 4Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 5Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 6Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 7Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 8Page - ON Semiconductor MC100EP16VSDTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 7
1
Publication Order Number:
MC100EP16VS/D
MC100EP16VS
3.3V / 5V ECL Differential
Receiver/Driver with
Variable Output Swing
Description
The MC100EP16VS is a differential receiver with variable output
amplitude. The device is functionally equivalent to the 100EP16 with
an input pin that controls the amplitude of the outputs.
The VCTRL input pin controls the output amplitude of the EP16VS
and is referenced to VCC. (See Figure 4.) The operational range of the
VCTRL input is from ≤ VBB (max output amplitude) to VCC (min
output amplitude) (See Figure 3). A variable resistor between the VCC
and VBB pins, with the wiper driving VCTRL, can control the output
amplitude. Typical application circuits and a VCTRL Voltage vs.
Output Amplitude graph are described in this data sheet. When left
open, the VCTRL pin will be internally pulled down to VEE and operate
as a standard EP16, with 100% output amplitude.
The VBB pin, an internally generated voltage supply, is available to
this device only. For Single-Ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
Features
220 ps Propagation Delay
Maximum Frequency = > 4 GHz Typical (See Graph)
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range:
VCC = 3.0 V to 5.5 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −5.5 V
Open Input Default State
Q Output Will Default LOW with Inputs Open or at VEE
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb-Free Package
SOIC−8 NB
D SUFFIX
CASE 751−07
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R−02
ALYWG
G
KP62
1
8
1
8
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
1
8
KEP62
ALYW
G
1
8
(Note: Microdot may be in either location)
ORDERING INFORMATION
Device
Package
Shipping†
MC100EP16VSDG
SOIC−8 NB
(Pb-Free)
98 Units / Tube
MC100EP16VSDR2G
2500 Tape & Reel
TSSOP−8
(Pb-Free)
MC100EP16VSDTR2G
2500 Tape & Reel
MC100EP16VSDTG
100 Units / Tube
SOIC−8 NB
(Pb-Free)
TSSOP−8
(Pb-Free)
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOIC−8 NB
TSSOP−8


Podobny numer części - MC100EP16VSDTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP16VSDTR2 ONSEMI-MC100EP16VSDTR2 Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
MC100EP16VSDTR2G ONSEMI-MC100EP16VSDTR2G Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
More results

Podobny opis - MC100EP16VSDTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP16F ONSEMI-MC100EP16F_16 Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
MC100EP16VT ONSEMI-MC100EP16VT_16 Datasheet
198Kb / 12P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 5
MC100EP16VB ONSEMI-MC100EP16VB_16 Datasheet
169Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VC ONSEMI-MC100EP16VC_16 Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VS ONSEMI-MC100EP16VS Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
logo
Arizona Microtek, Inc
AZ100EL16VS AZM-AZ100EL16VS Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
AZ10LVEL16VS AZM-AZ10LVEL16VS Datasheet
101Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
List of Unclassifed Man...
AZ100EL16VS ETC1-AZ100EL16VS Datasheet
180Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Arizona Microtek, Inc
AZ10EP16VS AZM-AZ10EP16VS Datasheet
122Kb / 10P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
List of Unclassifed Man...
AZ100EL16VS ETC2-AZ100EL16VS_06 Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com