Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP16VTDTG Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100EP16VTDTG
Szczegółowy opis  3.3 V / 5 V ECL Differential Receiver/Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16VTDTG Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100EP16VTDTG Datasheet HTML 1Page - ON Semiconductor MC100EP16VTDTG Datasheet HTML 2Page - ON Semiconductor MC100EP16VTDTG Datasheet HTML 3Page - ON Semiconductor MC100EP16VTDTG Datasheet HTML 4Page - ON Semiconductor MC100EP16VTDTG Datasheet HTML 5Page - ON Semiconductor MC100EP16VTDTG Datasheet HTML 6Page - ON Semiconductor MC100EP16VTDTG Datasheet HTML 7Page - ON Semiconductor MC100EP16VTDTG Datasheet HTML 8Page - ON Semiconductor MC100EP16VTDTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 5
1
Publication Order Number:
MC100EP16VT/D
MC100EP16VT
3.3V / 5V ECL Differential
Receiver/Driver with
Variable Output Swing and
Internal Input Termination
Description
The MC100EP16VT is a differential receiver functionally equivalent
to the 100EP16 with input pins controlling the amplitude of the outputs
(pin 1) and providing an internal termination network (pin 4).
The VCTRL input pin controls the output amplitude of the EP16VT
and is referenced to VCC. (See Figure 4.) The operational range of the
VCTRL input is from ≤ VBB (a supply at VCC−1.42 V, maximum output
amplitude) to VCC (minimum output amplitude). VBB is an externally
supplied voltage equal to VCC−1.42 V (See Figures 2 and Figure 3). A
variable resistor between VCC and VBB, with the wiper driving
VCTRL, can control the output amplitude. Typical application circuits
and a VCTRL Voltage vs. Output Amplitude graph are described in this
data sheet. When left open, the VCTRL pin will be internally pulled
down to VEE and operate as a standard EP16, with 100% output
amplitude.
The VTT input pin offers an internal termination network for a 50 W
line impedance environment, shown in Figure 1. For further reference,
see Application Note AND8020, Termination of ECL Logic Devices.
Input considerations are required for D and D under no signal conditions
to prevent instability.
Special considerations are required for differential inputs under No
Signal conditions to prevent instability.
Features
220 ps Propagation Delay
Maximum Frequency > 4 GHz Typical (See Graph)
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range:
VCC = 3.0 V to 5.5 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −5.5 V
Open Input Default State
50 W Internal Termination Resistor
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb-Free Package
ALYWG
G
KP63
1
8
www.onsemi.com
KEP63
ALYW
G
1
8
14
(Note: Microdot may be in either location)
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ORDERING INFORMATION
Device
Package
Shipping
MC100EP16VTDG
SOIC−8NB
(Pb-Free)
98 Units/Tube
MC100EP16VTDR2G
SOIC−8NB
(Pb-Free)
2500/Tape & Reel
TSSOP−8
(Pb-Free)
MC100EP16VTDTR2G
2500/Tape & Reel
TSSOP−8
(Pb-Free)
MC100EP16VTDTG
100 Units/Tube
DFN−8
(Pb-Free)
MC100EP16VTMNR4G
1000/Tape & Reel
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAMS*
SOIC−8NB
D SUFFIX
CASE
751−07
TSSOP−8
DT SUFFIX
CASE
948R−02
1
8
1
8
DFN−8
MN SUFFIX
CASE 506AA


Podobny numer części - MC100EP16VTDTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP16VTDTG ONSEMI-MC100EP16VTDTG Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
More results

Podobny opis - MC100EP16VTDTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP16VB ONSEMI-MC100EP16VB_16 Datasheet
169Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VC ONSEMI-MC100EP16VC_16 Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC10LVEP16 ONSEMI-MC10LVEP16_16 Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
MC100EP16VS ONSEMI-MC100EP16VS_16 Datasheet
184Kb / 11P
   3.3 V / 5 V ECL Differential Receiver/Driver with Variable Output Swing
August, 2016 ??Rev. 7
MC100EP16F ONSEMI-MC100EP16F_16 Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
MC100LVEL17 ONSEMI-MC100LVEL17_16 Datasheet
152Kb / 7P
   3.3 V ECL Quad Differential Receiver
July, 2016 ??Rev. 9
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
MC100EL17 ONSEMI-MC100EL17_16 Datasheet
146Kb / 5P
   5V ECL Quad Differential Receiver
July, 2016 ??Rev. 8
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com