Zakładka z wyszukiwarką danych komponentów |
|
MC100EP195BFAR2G Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
MC100EP195BFAR2G Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 17 page © Semiconductor Components Industries, LLC, 2014 June, 2014 − Rev. 2 1 Publication Order Number: MC100EP195B/D MC100EP195B 3.3V ECL Programmable Delay Chip Descriptions The MC100EP195B is a Programmable Delay Chip (PDC) designed primarily for clock deskewing and timing adjustment. It provides variable delay of a differential NECL/PECL input transition. The delay section consists of a programmable matrix of gates and multiplexers as shown in the logic diagram, Figure 2. The delay increment of the EP195B has a digitally selectable resolution of about 10 ps and a net range of up to 10.2 ns. The required delay is selected by the 10 data select inputs D[9:0] values and controlled by the LEN (pin 10). A LOW level on LEN allows a transparent LOAD mode of real time delay values by D[9:0]. A LOW to HIGH transition on LEN will LOCK and HOLD current values present against any subsequent changes in D[10:0]. The approximate delay values for varying tap numbers correlating to D0 (LSB) through D9 (MSB) are shown in Table 6 and Figure 3. The IN/IN inputs can accept LVPECL (SE of Diff), or LVDS level signals. Because the EP195B is designed using a chain of multiplexers it has a fixed minimum delay of 2.2 ns. An additional pin D10 is provided for controlling Pins 14 and 15, CASCADE and CASCADE, also latched by LEN, in cascading multiple PDCs for increased programmable range. The cascade logic allows full control of multiple PDCs. Switching devices from all “1” states on D[0:9] with SETMAX LOW to all “0” states on D[0:9] with SETMAX HIGH will increase the delay equivalent to “D0”, the minimum increment. Select input pins D[10:0] may be threshold controlled by combinations of interconnects between VEF (pin 7) and VCF (pin 8) for LVCMOS, ECL, or LVTTL level signals. For LVCMOS input levels, leave VCF and VEF open. For ECL operation, short VCF and VEF (Pins 7 and 8). For LVTTL level operation, connect a 1.5 V supply reference to VCF and leave open VEF pin. The 1.5 V reference voltage to VCF pin can be accomplished by placing a 2.2 k W resistor between VCF and VEE for a 3.3 V power supply. The VBB pin, an internally generated voltage supply, is available to this device only. For single−ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01 mF capacitor and limit current sourcing or sinking to 0.5 mA. When not used, VBB should be left open. The 100 Series contains temperature compensation. Features • Maximum Input Clock Frequency >1.2 GHz Typical • Programmable Range: 0 ns to 10 ns • Delay Range: 2.2 ns to 12.2 ns • 10 ps Increments • PECL Mode Operating Range: VCC = 3.0 V to 3.6 V with VEE = 0 V • NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −3.6 V • IN/IN Inputs Accept LVPECL, LVNECL, LVDS Levels • A Logic High on the EN Pin Will Force Q to Logic Low • D[10:0] Can Select Either LVPECL, LVCMOS, or LVTTL Input Levels • VBB Output Reference Voltage • These are Pb−Free Devices MARKING DIAGRAMS* A = Assembly Location WL, L = Wafer Lot Y, YY = Year W, WW = Work Week G or G = Pb−Free Package *For additional marking information, refer to Application Note AND8002/D. http://onsemi.com See detailed ordering and shipping information in the package dimensions section on page 15 of this data sheet. ORDERING INFORMATION QFN32 MN SUFFIX CASE 488AM 32 1 MC100 EP195B ALYW G G 1 32 1 LQFP−32 FA SUFFIX CASE 873A MC100 EP195B AWLYYWWG (Note: Microdot may be in either location) |
Podobny numer części - MC100EP195BFAR2G |
|
Podobny opis - MC100EP195BFAR2G |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |