Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP196FAR2G Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części MC100EP196FAR2G
Szczegółowy opis  3.3V ECL Programmable Delay Chip with FTUNE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP196FAR2G Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button MC100EP196FAR2G Datasheet HTML 7Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 8Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 9Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 10Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 11Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 12Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 13Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 14Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MC100EP196
http://onsemi.com
11
Table 11. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −3.6 V or VCC = 3.0 V to 3.6 V; VEE = 0 V (Note 8)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency
1.2
1.2
1.2
GHz
tPLH
tPHL
Propagation Delay
IN to Q; D(0−9) = 0
IN to Q; D(0−9) = 1023
EN to Q; D(0−9) = 0
D10 to CASCADE
1810
9500
1780
350
2210
11496
2277
450
2610
13500
2780
550
1960
10000
1930
380
2360
12258
2430
477
2760
14000
2930
580
2180
10955
2150
420
2580
13454
2650
520
2980
15955
3150
620
ps
tRANGE
Programmable Range
{D(0−9) = HI} − {D(0−9) = LO}
8600
9285
10000
9200
9897
10700
9900
10875
12000
ps
Dt
Step Delay (Note 9)
D0 High
D1 High
D2 High
D3 High
D4 High
D5 High
D6 High
D7 High
D8 High
D9 High
90
245
530
1060
2160
4335
7
23
39
58
137
293
590
1158
2317
4647
185
335
650
1265
2490
5010
100
260
560
1130
2290
4590
11
30
48
67
149
313
629
1237
2472
4955
200
370
710
1355
2680
5385
90
270
600
1200
2450
4935
13
32
53
73
154
337
681
1353
2712
5440
225
410
770
1520
3015
6015
ps
Mono
Monotonicity (Note 10)
ps
tSKEW
Duty Cycle Skew (Note 11)
|tPHL−tPLH|
20
22
27
ps
ts
Setup Time
D to LEN
D to IN (Note 12)
EN to IN (Note 13)
150
100
150
−10
−130
−105
150
100
150
−70
−150
−120
150
100
150
−70
−165
−140
ps
th
Hold Time
LEN to D
IN to EN (Note 14)
225
450
170
275
200
450
70
305
200
450
60
325
ps
tR
Release Time
EN to IN (Note 15)
SET MAX to LEN
SET MIN to LEN
150
400
300
−105
70
165
150
400
350
−120
110
180
150
400
350
−140
160
205
ps
tjit
Random Clock Jitter
@ 1.2 GHz, SETMAX Delay
3
3
3
ps
VPP
Input Voltage Swing
(Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Time
20−80% (Q)
20−80% (CASCADE)
85
100
110
150
130
200
95
110
120
160
145
210
110
125
135
175
160
225
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
8. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V.
9. Specification limits represent the amount of delay added with the assertion of each individual delay control pin. The various combinations
of asserted delay control inputs will typically realize D0 resolution steps across the specified programmable range.
10. The monotonicity indicates the increased delay value for each binary count increment on the control inputs D(0−9).
11. Duty cycle skew guaranteed only for differential operation measured from the cross point of the input to the cross point of the output.
12. This setup time defines the amount of time prior to the input signal the delay tap of the device must be set.
13. This setup time is the minimum time that EN must be asserted prior to the next transition of IN/IN to prevent an output response greater than
VCC − 1425 mV to that IN/IN transition.
14. This hold time is the minimum time that EN must remain asserted after a negative going IN or positive going IN to prevent an output response
greater than VCC − 1425 mV to that IN/IN transition.
15. This release time is the minimum time that EN must be deasserted prior to the next IN/IN transition to ensure an output response that meets
the specified IN to Q propagation delay and transition times.


Podobny numer części - MC100EP196FAR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP196FAR2G ONSEMI-MC100EP196FAR2G Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
More results

Podobny opis - MC100EP196FAR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com