Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP195BMNR4G Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części MC100EP195BMNR4G
Szczegółowy opis  3.3V ECL Programmable Delay Chip
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP195BMNR4G Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button MC100EP195BMNR4G Datasheet HTML 7Page - ON Semiconductor MC100EP195BMNR4G Datasheet HTML 8Page - ON Semiconductor MC100EP195BMNR4G Datasheet HTML 9Page - ON Semiconductor MC100EP195BMNR4G Datasheet HTML 10Page - ON Semiconductor MC100EP195BMNR4G Datasheet HTML 11Page - ON Semiconductor MC100EP195BMNR4G Datasheet HTML 12Page - ON Semiconductor MC100EP195BMNR4G Datasheet HTML 13Page - ON Semiconductor MC100EP195BMNR4G Datasheet HTML 14Page - ON Semiconductor MC100EP195BMNR4G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MC100EP195B
http://onsemi.com
11
Table 10. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −3.6 V or VCC = 3.0 V to 3.6 V; VEE = 0 V (Note 14)
Symbol
Unit
85
°C
25
°C
−40
°C
Characteristic
Symbol
Unit
Max
Typ
Min
Max
Typ
Min
Max
Typ
Min
Characteristic
VPP
Input Voltage Swing
(Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Time @ 50 MHz
20−80% (Q)
20−80% (CASCADE)
85
110
115
160
140
210
100
120
120
175
140
230
100
120
130
190
165
250
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
14. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V.
15. Specification limits represent the amount of delay added with the assertion of each individual delay control pin. The various combinations
of asserted delay control inputs will typically realize D0 resolution steps across the specified programmable range.
16. Duty cycle skew guaranteed only for differential operation measured from the cross point of the input to the cross point of the output.
17. This setup time defines the amount of time prior to the input signal the delay tap of the device must be set.
18. This setup time is the minimum time that EN must be asserted prior to the next transition of IN/IN to prevent an output response greater
than
±75 mV to that IN/IN transition.
19. This hold time is the minimum time that EN must remain asserted after a negative going IN or positive going IN to prevent an output re-
sponse greater than
±75 mV to that IN/IN transition.
20. This release time is the minimum time that EN must be deasserted prior to the next IN/IN transition to ensure an output response that meets
the specified IN to Q propagation delay and transition times.
21. Deviation from a linear delay (actual Min to Max) in the 1024 programmable steps.
Figure 4. AC Reference Measurement
IN
IN
Q
Q
tPHL
tPLH
VINPP = VIH(D) − VIL(D)
VOUTPP = VOH(Q) − VOL(Q)
Cascading Multiple EP195Bs
To increase the programmable range of the EP195B,
internal cascade circuitry has been included. This circuitry
allows for the cascading of multiple EP195Bs without the
need for any external gating. Furthermore, this capability
requires only one more address line per added E195B.
Obviously, cascading multiple programmable delay chips
will result in a larger programmable range: however, this
increase is at the expense of a longer minimum delay.
Figure 5 illustrates the interconnect scheme for cascading
two EP195Bs. As can be seen, this scheme can easily be
expanded for larger EP195B chains. The D10 input of the
EP195B is the CASCADE control pin. With the
interconnect scheme of Figure 5 when D10 is asserted, it
signals the need for a larger programmable range than is
achievable with a single device and switches output pin
CASCADE HIGH and pin CASCADE LOW. The A11
address can be added to generate a cascade output for the
next EP195B. For a 2−device configuration, A11 is not
required.


Podobny numer części - MC100EP195BMNR4G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP195BMNR4G ONSEMI-MC100EP195BMNR4G Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
More results

Podobny opis - MC100EP195BMNR4G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com