Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP809MNG Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC100EP809MNG
Szczegółowy opis  Differentia HSTL/PECL/LVDS to HSTL Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP809MNG Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button MC100EP809MNG Datasheet HTML 2Page - ON Semiconductor MC100EP809MNG Datasheet HTML 3Page - ON Semiconductor MC100EP809MNG Datasheet HTML 4Page - ON Semiconductor MC100EP809MNG Datasheet HTML 5Page - ON Semiconductor MC100EP809MNG Datasheet HTML 6Page - ON Semiconductor MC100EP809MNG Datasheet HTML 7Page - ON Semiconductor MC100EP809MNG Datasheet HTML 8Page - ON Semiconductor MC100EP809MNG Datasheet HTML 9Page - ON Semiconductor MC100EP809MNG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC100EP809
www.onsemi.com
6
Table 8. AC CHARACTERISTICS VCCI = 3.0 V to 3.6 V; VCCO = 1.6 V to 2.0 V, GND = 0 V (Note 5)
Symbol
Characteristic
0
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOpp
Differential Output Voltage fout < 100 MHz
(Figure 4)
fout < 500 MHz
fout < 750 MHz
600
600
450
850
750
575
600
600
450
850
750
575
600
600
450
850
750
575
mV
mV
tPLH
tPHL
Propagation Delay (Differential Configura-
tion)
LVPECL_CLK to Q
HSTL_CLK to Q
680
690
800
830
930
990
700
700
820
850
950
1000
780
790
920
950
1070
1110
ps
ps
tskew
Within−Device Skew (Note 6)
Device−to−Device Skew (Note 7)
15
100
50
200
15
100
50
200
15
100
50
200
ps
ps
tJITTER
Random Clock Jitter (Figure 4) (RMS)
1.4
3.0
1.4
3.0
1.4
3.0
ps
VPP
Input Swing (Differential Configuration)
(Note 8) (Figure 5)
LVPECL
HSTL
200
200
200
200
200
200
mV
mV
tS
OE Set Up Time (Note 9)
0.5
0.5
0.5
ns
tH
OE Hold Time
0.5
0.5
0.5
ns
tr/tf
Output Rise/Fall Time
(20% − 80%)
350
600
350
450
600
350
600
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
5. Measured with 750 mV (LVPECL) source or 1 V (HSTL) source, 50% duty cycle clock source. All outputs loaded with 50
W to GND (Figure 7).
6. Skew is measured between outputs under identical transitions and conditions on any one device.
7. Device−to−Device skew for identical transitions and conditions.
8. VPP is the Differential Input Voltage swing required to maintain AC characteristics listed herein.
9. OE Set Up Time is defined with respect to the rising edge of the clock. OE High−to−Low transition ensures outputs remain disabled during
the next clock cycle. OE Low−to−High transition enables normal operation of the next input clock (Figure 9).
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
500
600
700
800
900
1000
Figure 4. Output Frequency (FOUT) versus Output Voltage (VOPP) and Random Clock Jitter (tJITTER)
2
3
4
5
6
7
8
9
1
FREQUENCY (MHz)
VOPP
RMS JITTER


Podobny numer części - MC100EP809MNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP809 ONSEMI-MC100EP809 Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
MC100EP809 ONSEMI-MC100EP809 Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809FA ONSEMI-MC100EP809FA Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
MC100EP809FA ONSEMI-MC100EP809FA Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809FAG ONSEMI-MC100EP809FAG Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
More results

Podobny opis - MC100EP809MNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
MC100EP809 ONSEMI-MC100EP809_06 Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809 ONSEMI-MC100EP809 Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
NB100EP223 ONSEMI-NB100EP223 Datasheet
162Kb / 10P
   3.3V1:22 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Output Enable
November, 2006 ??Rev. 7
logo
Motorola, Inc
MC100EP223 MOTOROLA-MC100EP223 Datasheet
90Kb / 8P
   Low-Voltage 1:22 Differential PECL/HSTL Clock Driver
MPC911 MOTOROLA-MPC911 Datasheet
74Kb / 4P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com