Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP809MNG Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części MC100EP809MNG
Szczegółowy opis  Differentia HSTL/PECL/LVDS to HSTL Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP809MNG Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button MC100EP809MNG Datasheet HTML 2Page - ON Semiconductor MC100EP809MNG Datasheet HTML 3Page - ON Semiconductor MC100EP809MNG Datasheet HTML 4Page - ON Semiconductor MC100EP809MNG Datasheet HTML 5Page - ON Semiconductor MC100EP809MNG Datasheet HTML 6Page - ON Semiconductor MC100EP809MNG Datasheet HTML 7Page - ON Semiconductor MC100EP809MNG Datasheet HTML 8Page - ON Semiconductor MC100EP809MNG Datasheet HTML 9Page - ON Semiconductor MC100EP809MNG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MC100EP809
www.onsemi.com
10
PACKAGE DIMENSIONS
QFN32 5x5, 0.5P
CASE 488AM
ISSUE A
SEATING
NOTE 4
K
0.15
C
(A3)
A
A1
D2
b
1
9
17
32
E2
32X
8
L
32X
BOTTOM VIEW
TOP VIEW
SIDE VIEW
D
A
B
E
0.15
C
PIN ONE
LOCATION
0.10
C
0.08
C
C
25
e
NOTES:
1. DIMENSIONS AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30MM FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
PLANE
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.50
3.35
0.30
3.35
32X
0.63
32X
5.30
5.30
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTION
DETAIL B
DETAIL A
DIM
A
MIN
MILLIMETERS
0.80
A1
−−−
A3
0.20 REF
b
0.18
D
5.00 BSC
D2
2.95
E
5.00 BSC
2.95
E2
e
0.50 BSC
0.30
L
K
0.20
1.00
0.05
0.30
3.25
3.25
0.50
−−−
MAX
−−−
L1
0.15
e/2
NOTE 3
PITCH
DIMENSION: MILLIMETERS
RECOMMENDED
A
M
0.10
B
C
M
0.05
C
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MC100EP809/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).


Podobny numer części - MC100EP809MNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP809 ONSEMI-MC100EP809 Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
MC100EP809 ONSEMI-MC100EP809 Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809FA ONSEMI-MC100EP809FA Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
MC100EP809FA ONSEMI-MC100EP809FA Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809FAG ONSEMI-MC100EP809FAG Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
More results

Podobny opis - MC100EP809MNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
MC100EP809 ONSEMI-MC100EP809_06 Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809 ONSEMI-MC100EP809 Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
NB100EP223 ONSEMI-NB100EP223 Datasheet
162Kb / 10P
   3.3V1:22 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Output Enable
November, 2006 ??Rev. 7
logo
Motorola, Inc
MC100EP223 MOTOROLA-MC100EP223 Datasheet
90Kb / 8P
   Low-Voltage 1:22 Differential PECL/HSTL Clock Driver
MPC911 MOTOROLA-MPC911 Datasheet
74Kb / 4P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com