Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EPT622MNG Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC100EPT622MNG
Szczegółowy opis  3.3V LVTTL/LVCMOS to LVPECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT622MNG Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC100EPT622MNG Datasheet HTML 1Page - ON Semiconductor MC100EPT622MNG Datasheet HTML 2Page - ON Semiconductor MC100EPT622MNG Datasheet HTML 3Page - ON Semiconductor MC100EPT622MNG Datasheet HTML 4Page - ON Semiconductor MC100EPT622MNG Datasheet HTML 5Page - ON Semiconductor MC100EPT622MNG Datasheet HTML 6Page - ON Semiconductor MC100EPT622MNG Datasheet HTML 7Page - ON Semiconductor MC100EPT622MNG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC100EPT622
http://onsemi.com
2
VCCO
D6
Q9 Q8 Q7 VCC Q6 Q5 VCCO
VCCO D4 D3 D2 VEE D1 D0 VCCO
VCCO
Q4
Q3
VCCO
Q2
Q1
VCCO
Q0
Warning: All VCC, VCCO, and VEE pins must be externally con-
nected to Power Supply to guarantee proper operation.
Figure 1. 32−Lead LQFP Pinout (Top View)
D7
D8
ENTTL
ENPECL
D5
D9
VEE
MC100EPT622
Figure 2. Logic Symbol
Q0
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
D8
Q8
D9
Q9
D0
ENTTL
ENPECL
LVCMOS/TTL
LVPECL
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
Figure 3. 32−Lead QFN Pinout (Top View)
VCCO
D6
Q9 Q8 Q7 VCC Q6 Q5 VCCO
VCCO D4 D3 D2 VEE D1 D0 VCCO
VCCO
Q4
Q3
VCCO
Q2
Q1
VCCO
Q0
D7
D8
ENTTL
ENPECL
D5
D9
VEE
Exposed Pad
(EP)
Table 1. PIN DESCRIPTION
Pin
Function
D0:9
Data Input (TTL)
Q0:9
Data Outputs (PECL)
ENTTL
Enable Control (TTL)
ENPECL
Enable Control (PECL)
VCC, VCCO
Positive Supply
VEE
Ground
EP
The exposed pad (EP) on the QFN−32 package bottom is thermally connected to the die for improved heat transfer out
of the package. THe exposed pad must be attached to a heat−sinking conduit. The pad is electrically connected to VEE.


Podobny numer części - MC100EPT622MNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622 Datasheet
73Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
December, 2002 - Rev. 2
MC100EPT622 ONSEMI-MC100EPT622 Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
MC100EPT622FA ONSEMI-MC100EPT622FA Datasheet
73Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
December, 2002 - Rev. 2
MC100EPT622FA ONSEMI-MC100EPT622FA Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
MC100EPT622FAG ONSEMI-MC100EPT622FAG Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
More results

Podobny opis - MC100EPT622MNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622 Datasheet
73Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
December, 2002 - Rev. 2
MC100EPT622 ONSEMI-MC100EPT622_06 Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_07 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com