Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEL01 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100LVEL01
Szczegółowy opis  3.3 V ECL 4-Input OR/NOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL01 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100LVEL01 Datasheet HTML 1Page - ON Semiconductor MC100LVEL01 Datasheet HTML 2Page - ON Semiconductor MC100LVEL01 Datasheet HTML 3Page - ON Semiconductor MC100LVEL01 Datasheet HTML 4Page - ON Semiconductor MC100LVEL01 Datasheet HTML 5Page - ON Semiconductor MC100LVEL01 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 5
1
Publication Order Number:
MC100LVEL01/D
MC100LVEL01
3.3 V ECL 4-Input OR/NOR
Description
The MC100LVEL01 is a 4-input OR/NOR gate. The device is
functionally equivalent to the EL01 device and works from a 3.3 V
supply. With AC performance similar to the EL01 device, the LVEL01
is ideal for low voltage applications which require the ultimate in
AC performance.
Features
370 ps Propagation Delay
High Bandwidth Output Transitions
ESD Protection:
> 2 kV Human Body Model
> 200 V Machine Model
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range: VCC = 3.0 V to 3.8 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −3.8 V
Internal Input Pulldown Resistors
Q Output will Default LOW with All Inputs Open or at VEE
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity
Level 1 for SOIC−8
Level 3 for TSSOP−8
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index 28 to 34
Transistor Count = 83 Devices
These Devices are Pb-Free and are RoHS Compliant
TSSOP−8
DT SUFFIX
CASE 948R
SOIC−8
D SUFFIX
CASE 751
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAMS*
KV01
ALYWG
G
1
8
1
8
1
8
www.onsemi.com
KVL01
ALYW
G
1
8
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb-Free Package
(Note: Microdot may be in either location)
SOIC−8
TSSOP−8
Device
Package
Shipping†
ORDERING INFORMATION
MC100LVEL01DG
SOIC−8
(Pb-Free)
98 Units / Tube
MC100LVEL01DR2G SOIC−8
(Pb-Free)
2500
Tape & Reel
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
TSSOP−8
(Pb-Free)
MC100LVEL01DTG
100 Units / Tube


Podobny numer części - MC100LVEL01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL01 ONSEMI-MC100LVEL01 Datasheet
71Kb / 2P
   4-Input OR/NOR
1996 REV 0
MC100LVEL01 ONSEMI-MC100LVEL01 Datasheet
134Kb / 7P
   3.3V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 3
MC100LVEL01D ONSEMI-MC100LVEL01D Datasheet
134Kb / 7P
   3.3V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 3
MC100LVEL01D ONSEMI-MC100LVEL01D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL01DG ONSEMI-MC100LVEL01DG Datasheet
134Kb / 7P
   3.3V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 3
More results

Podobny opis - MC100LVEL01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01_16 Datasheet
179Kb / 10P
   V ECL 4-Input OR/NOR
August, 2016 ??Rev. 10
MC10EL01 ONSEMI-MC10EL01_06 Datasheet
144Kb / 9P
   5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
logo
Arizona Microtek, Inc
AZ10EL01 AZM-AZ10EL01 Datasheet
73Kb / 6P
   ECL/PECL 4-Input OR/NOR
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01 Datasheet
83Kb / 10P
   3.3V / 5V ECL 4-Input OR/NOR
June, 2004 ??Rev. 6
MC10EL01 ONSEMI-MC10EL01_16 Datasheet
156Kb / 7P
   5V ECL 4?륤nput OR/NOR
July, 2016 ??Rev. 7
MC10E101 ONSEMI-MC10E101_06 Datasheet
124Kb / 7P
   5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
MC100LVEL01 ONSEMI-MC100LVEL01_06 Datasheet
134Kb / 7P
   3.3V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 3
MC10E101 ONSEMI-MC10E101_16 Datasheet
153Kb / 7P
   5V ECL Quad 4?륤nput OR/NOR Gate
July, 2016 ??Rev. 9
MC10EL01 ONSEMI-MC10EL01 Datasheet
70Kb / 2P
   4-Input OR/NOR
1996 REV 2
logo
Micrel Semiconductor
SY10EL01 MICREL-SY10EL01 Datasheet
47Kb / 4P
   4-INPUT OR/NOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com