Zakładka z wyszukiwarką danych komponentów |
|
SB120 Arkusz danych(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd |
|
SB120 Arkusz danych(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd |
|
1 / 1 page - 257 - SR120/SB120 THRU SR1200/SB1200 1.0AMP. SCHOTTKY BARRIER RECTIFIERS FEATURE . High current capability . Low forward voltage drop . Low power loss, high efficiency . High surge capability . High temperature soldering guaranteed 260°C /10sec/ 0.375" lead length at 5 lbs tension MECHANICAL DATA . Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C . Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy . Polarity: color band denotes cathode . Mounting position: any DO-41 .787(20.0) M IN. .205(5.2) .166(4.2) .787(20.0) M IN. .107(2.7) .080(2.0) DIA. + - .032(0.8) .025(0.65) DIA. Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25℃ ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20% Type Number SYMBOL SR 120 SR 130 SR 140 SR 150 SR 160 SR 180 SR 190 SR 1100 SR 1150 SR 1200 unit s SB 120 SB 130 SB 140 SB 150 SB 160 SB 180 SB 190 SB 1100 SB 1150 SB 1200 Maximum Recurrent Peak Reverse Voltage VRRM 20 30 40 50 60 80 90 100 150 200 V Maximum RMS Voltage VRMS 14 21 28 35 42 56 63 70 105 140 V Maximum DC blocking Voltage VDC 20 30 40 50 60 80 90 100 150 200 V Maximum Average Forward Rectified Current .375"(9.5mm) lead length at TL =90°C IF(AV) 1.0 A Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) IFSM 30.0 A Maximum Forward Voltage at 1.0A DC VF 0.45 0.55 0.70 0.85 0.95 V Maximum DC Reverse Current @TA=25°C at rated DC blocking voltage @TA =100°C IR 0.5 40.0 0.1 10.0 mA Typical Junction Capacitance (Note 1) CJ 110 28 pF Typical Thermal Resistance (Note 2) R(JA) 75 °C/W Storage Temperature TSTG -55 to +150 °C Operation Junction Temperature TJ -55 to +125 -55 to +150 °C Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 2. Thermal Resistance from Junction to Ambient at 0.375"(9.5mm)lead length, vertical P.C. Board Mounted. |
Podobny numer części - SB120 |
|
Podobny opis - SB120 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |