Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1250 Arkusz danych(PDF) 8 Page - Keysight Technologies

Numer części U1250
Szczegółowy opis  Digital Multimeters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1250 Arkusz danych(HTML) 8 Page - Keysight Technologies

Back Button U1250 Datasheet HTML 4Page - Keysight Technologies U1250 Datasheet HTML 5Page - Keysight Technologies U1250 Datasheet HTML 6Page - Keysight Technologies U1250 Datasheet HTML 7Page - Keysight Technologies U1250 Datasheet HTML 8Page - Keysight Technologies U1250 Datasheet HTML 9Page - Keysight Technologies U1250 Datasheet HTML 10Page - Keysight Technologies U1250 Datasheet HTML 11Page - Keysight Technologies U1250 Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
U1251B frequency sensitivity during voltage measurement
Frequency sensitivity and trigger level
Input range 3
Minimum sensitivity
(R.M.S. Sine Wave)
Trigger level for DC coupling
(Maximum input for specified
accuracy = 10 x Range or 1000 V)
20 Hz - 100 kHz
>100 kHz ~ 200 kHz
< 100 kHz
>100 kHz ~ 200 kHz
50.000 mV
10 mV
15 mV
10 mV
15 mV
500.00 mV
25 mV
35 mV
60 mV
70 mV
1000.0 mV
40 mV
50 mV
100 mV
150 mV
5.0000 V
0.25 V
0.5 V
0.5 V / 1.25 V (< 100 Hz)
0.6 V
50.000 V
2.5 V
5 V
5 V
6 V
500.00 V
25 V
N/A
50 V
N/A
1000.0 V
50 V
N/A
300 V
N/A
U1252B/U1253B frequency sensitivity during voltage measurement
Frequency sensitivity and trigger level
Input range 3
Minimum sensitivity
(RMS sine wave)
Trigger level for DC coupling
(Maximum input for specified
accuracy = 10 x range or 1000 V)
20 Hz ~ 200 kHz
>200 kHz ~ 500 kHz
< 100 kHz
>100 kHz ~ 500 kHz
50.000 mV
10 mV
25 mV
10 mV
25 mV
500.00 mV
70 mV
150 mV
70 mV
150 mV
1000.0 mV
120 mV
300 mV
120 mV
300 mV
5.0000 V
0.3 V
1.2 V
0.6 V
1.5 V
50.000 V
3 V
5 V
6 V
15 V
500.00 V
30 V < 100 kHz
N/A
60 V
N/A
1000.0 V
50 V < 100 kHz
N/A
120 V
N/A
Frequency sensitivity during current measurement
Input range
Minimum sensitivity (RMS sine wave)
20 Hz ~ 20 Khz
500.00 µA
100 µA
5000.0 µA
250 µA
50.000 mA
10 mA
440.00 mA
25 mA
5.0000 A
1 A
10.000 A
2.5 A
Frequency specifications 5
Range
Resolution
Accuracy
Min. input frequency 1
U1251B/2B
U1253B
99.999 Hz
0.001 Hz
0.02%+3 9
0.02%+3 9
1 Hz
999.99 Hz
0.01 Hz
0.02%+3, <600 kHz
0.02%+3, <600 kHz
9.9999 kHz
0.0001 kHz
99.999 kHz
0.001 kHz
999.99 kHz
0.01 kHz
1. The input signal is lower than the product
of 20000000 V x Hz (product voltage and
frequency); overload protection: 1000 V.
2. The multimeter will automatically select the
most appropriate range when making frequency
measurements.
3. Maximum input for specified accuracy = 10 x
range or 1000 V.
8 | Keysight | U1250 Series Handheld Digital Multimeter - Data Sheet


Podobny numer części - U1250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
More results

Podobny opis - U1250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
   Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
   Digital Multimeters
logo
Keysight Technologies
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
   Digital Multimeters
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
MV110 EXTECH-MV110 Datasheet
240Kb / 13P
   Digital MultiMeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com