Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1250 Arkusz danych(PDF) 2 Page - Keysight Technologies

Numer części U1250
Szczegółowy opis  Digital Multimeters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1250 Arkusz danych(HTML) 2 Page - Keysight Technologies

  U1250 Datasheet HTML 1Page - Keysight Technologies U1250 Datasheet HTML 2Page - Keysight Technologies U1250 Datasheet HTML 3Page - Keysight Technologies U1250 Datasheet HTML 4Page - Keysight Technologies U1250 Datasheet HTML 5Page - Keysight Technologies U1250 Datasheet HTML 6Page - Keysight Technologies U1250 Datasheet HTML 7Page - Keysight Technologies U1250 Datasheet HTML 8Page - Keysight Technologies U1250 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1. U1253B model
2. U1252B/U1253B models
Figure 1. Automate recording of measurements with
bundled GUI data-logging software.
Do More with Just One
Instrument
The basic model, U1251B, expands your
capabilities beyond typical DMM measure-
ments to include data logging. The U1252B
starts with the same foundation, and then
adds a 20-MHz frequency counter and
programmable square-wave generator—
so you’d be able to perform more tests
conveniently with one tool. What’s more:
both models come bundled with a com-
plete set of accessories to equip you right
from the start at no extra cost.
Offering the same functionality as the
U1252B, the U1253B is the world’s first
OLED handheld DMM. You won’t have to
squint to be sure you’re reading it right:
On the go or on the bench, you’ll get
crystal-clear viewing indoors, even in dark,
off-angle situations.
Find Problems Quickly
Troubleshooting can be tricky, espe-
cially when you’re dealing with elusive
problems. With the U1250 Series’data
logging capability, you can ensure that
every reading gets recorded manually or
at intervals you specify. Better yet: you
can have virtually unlimited data logging
saves when you connect any of the U1250
Series DMM to a PC with the optional
IR-to-USB cable.
In addition, the U1250 Series lets you
achieve greater confidence in your
measurements with accurate true-RMS
AC measurements, low DCV error rate of
up to 0.025% and high-resolution display
of 50,000 counts.
Uncompromising
Ruggedness and Safety
The U1250 Series DMMs are housed in
robust overmold enclosures, rated at CAT
III 1000 V and CAT IV 600 V and operate
over a wide temperature range of –20 °C
to +55 °C. Each DMM also include a 30 kA
high energy fuse to further protect you
against violent fuse failures during high-
current measurements. Built tough and
certified to stringent industrial standards,
the U1250 DMM is what you need to face
the demands of everyday tasks.
Key Features
– Superior contrast from organic
LED (OLED) display1
– 50,000-count dual display
– Up to 0.025% basic DCV accuracy
– True-RMS AC and AC+DC2
measurements
– K-type and J-type2 temperature
measurements
– Manual and automated (interval)
data logging; internally to DMM
and externally to PC
– CAT III 1000 V and CAT IV 600 V
safety protection
– Built-in 20-MHz frequency counter2
– Built-in programmable square-wave
generator2
The Keysight Technologies,
Inc. U1250 Series handheld
digital multimeters (DMMs)
exceed your expectations by
delivering powerful features
and performance that meet
your toughest requirements
and applications. The series
latest multimeters, the
offering capabilities and
functions you need.
2 | Keysight | U1250 Series Handheld Digital Multimeter - Data Sheet


Podobny numer części - U1250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
More results

Podobny opis - U1250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
   Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
   Digital Multimeters
logo
Keysight Technologies
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
   Digital Multimeters
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
MV110 EXTECH-MV110 Datasheet
240Kb / 13P
   Digital MultiMeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com